Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDV708D Datasheet(PDF) 2 Page - AUK corp

Part # SDV708D
Description  Variable Capacitance Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDV708D Datasheet(HTML) 2 Page - AUK corp

  SDV708D_1 Datasheet HTML 1Page - AUK corp SDV708D_1 Datasheet HTML 2Page - AUK corp SDV708D_1 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-C031-001
2
SDV708D
Absolute Maximum Ratings
[Ta=25
°C]
Characteristic
Symbol
Ratings
Unit
Continuous reverse voltage
VR
20
V
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
Electrical Characteristics
[Ta=25
°C]
Characteristic
Symbol
Test Condition
Min.
Typ. Max.
Unit
Reverse voltage
VR
IR=1µA
20
-
-
V
Reverse current
IR
VR=20V
-
-
10
nA
C2V
VR=2V, f=1MHz
13.90
-
16.40
pF
Total Capacitance
C10V
VR=10V, f=1MHz
4.0
-
5.0
pF
Capacitance Ratio
C2V/10V
3.0
-
-
Series resistance
rS
VR=5V, f=470MHz
-
0.7
-


Similar Part No. - SDV708D_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDV708D AUK-SDV708D Datasheet
131Kb / 3P
   Variable Capacitance Diode
More results

Similar Description - SDV708D_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
   Variable Capacitance Diode
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1560NT TOKO-KV1560NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T399 SONY-1T399 Datasheet
46Kb / 4P
   Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
   VARIABLE CAPACITANCE DIODE
logo
TOKO, Inc
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1812K TOKO-KV1812K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832C TOKO-KV1832C Datasheet
26Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832K TOKO-KV1832K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com