Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC76382-X.XPKF Datasheet(PDF) 6 Page - ADDtek Corp

Part # AMC76382-X.XPKF
Description  450mA LOW DROPOUT REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC76382-X.XPKF Datasheet(HTML) 6 Page - ADDtek Corp

  AMC76382-X.XPKF Datasheet HTML 1Page - ADDtek Corp AMC76382-X.XPKF Datasheet HTML 2Page - ADDtek Corp AMC76382-X.XPKF Datasheet HTML 3Page - ADDtek Corp AMC76382-X.XPKF Datasheet HTML 4Page - ADDtek Corp AMC76382-X.XPKF Datasheet HTML 5Page - ADDtek Corp AMC76382-X.XPKF Datasheet HTML 6Page - ADDtek Corp AMC76382-X.XPKF Datasheet HTML 7Page - ADDtek Corp AMC76382-X.XPKF Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMC7638
Copyright
© 2007 ADDtek Corp.
6
DD054_N -- MAY 2007
APPLICATION INFORMATION
The maximum power dissipation of a single-output regulator
PD(MAX) = [(VIN(MAX) - VOUT(NOM))] × IOUT(NOM) + VIN(MAX) × IQ
VOUT(NOM) = the nominal output voltage
IOUT(NOM) = the nominal output current, and
IQ = the quiescent current the regulator consumes at IOUT(MAX)
VIN(MAX) = the maximum input voltage
Thermal consideration
The AMC7638 series have internal power and thermal limiting circuitry designed to protect the device under
overload conditions. However maximum junction temperature ratings should not be exceeded under continuous normal
load conditions. The thermal protection circuit of AMC7638 series will prevent the device from damage due to
excessive power dissipation. When the device temperature rises to approximately 150
OC, the regulator will be turned
off.
When power consumption is over about 775mW (SOT89 package, at TA=70
OC), additional heat sink is required
to control the junction temperature below 125
OC.
The junction temperature is: TJ = PD JT + θCS + θSA ) + TA
P D:Dissipated power.
θJT:Thermal resistance from the junction to the mounting tab of the package.
θCS:Thermal resistance through the interface between the IC and the surface on which it is mounted.
(typically,
θCS < 1.0OC /W)
θSA:Thermal resistance from the mounting surface to ambient (thermal resistance of the heat sink).
If PC Board copper is going to be used as a heat sink, below table can be used to determine the appropriate size of
copper foil required. For multi-layered PCB, these layers can also be used as a heat sink. They can be connected with
several through hole vias.
PCB
θSA(OC /W )
59
45
38
33
27
24
21
PCB heat sink size (mm2)
500
1000
1500
2000
3000
4000
5000
Recommended figure of PCB area used as a heat sink.
(Top View)
(Bottom View)
through hole vias


Similar Part No. - AMC76382-X.XPKF

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
AMC76386-DMF ADDTEK-AMC76386-DMF Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
More results

Similar Description - AMC76382-X.XPKF

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6353 GAMMA-GM6353 Datasheet
69Kb / 7P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
   5mA~450mA Constant Current Regulator
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com