Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC76383-3.3 Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC76383-3.3
Description  450mA LOW DROPOUT REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC76383-3.3 Datasheet(HTML) 1 Page - ADDtek Corp

  AMC76383-3.3 Datasheet HTML 1Page - ADDtek Corp AMC76383-3.3 Datasheet HTML 2Page - ADDtek Corp AMC76383-3.3 Datasheet HTML 3Page - ADDtek Corp AMC76383-3.3 Datasheet HTML 4Page - ADDtek Corp AMC76383-3.3 Datasheet HTML 5Page - ADDtek Corp AMC76383-3.3 Datasheet HTML 6Page - ADDtek Corp AMC76383-3.3 Datasheet HTML 7Page - ADDtek Corp AMC76383-3.3 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.addmtek.com
Copyright
© 2007 ADDtek Corp.
1
DD054_N -- MAY 2007
AMC7638
450mA LOW DROPOUT REGULATOR
DESCRIPTION
FEATURES
The AMC7638 series is a low dropout regulator
rated for 450mA output current. Low power
consumption and high accuracy is achieved through
CMOS technology and internal trimmed reference
voltage.
The AMC7638 series consists of a high-precision
voltage reference, error correction circuit, and a current
limit output driver. The fast transient response is an
outstanding feature for applications with various loads
2% internally trimmed output
Input-Output differential of typ. 360mV at 300mA
& low quiescent current of 10
µA in typical
P-MOS output stage with low RDS, ON.
Short circuit protection
Internal thermal overload protection
Enhanced pin-to-pin compatible to the XC62FP
series, RT9261/A.
3-Lead SOT-89 and SOT-223 packages.
Lead (Pb) free process
APPLICATIONS
PACKAGE PIN OUT
3. VOUT
1. GND
2. VIN
1. VOUT
2. GND
3. VIN
CD ROM, DVD
Wireless Communication Systems
Digital Camera
Battery Powered Applications
AMC76381-X.XPKF
AMC76382-X.XPKF
VOLTAGE OPTIONS
3-Pin Plastic SOT-89
Surface Mount
(Top View)
3-Pin Plastic SOT-89
Surface Mount
(Top View)
3. VOUT
2. GND
1. VIN
2. VOUT
1. GND
3. VIN
AMC76383-X.XSKF
AMC76385-X.XSKF
AMC76381-1.5 – 1.5V Fixed
AMC76381-1.8 – 1.8V Fixed
AMC76381-2.5 – 2.5V Fixed
AMC76381-3.3 – 3.3V Fixed
AMC76382-1.5 – 1.5V Fixed
AMC76382-2.5 – 2.5V Fixed
AMC76382-3.3 – 3.3V Fixed
AMC76383-1.5 – 1.5V Fixed
AMC76383-2.5 – 2.5V Fixed
AMC76383-3.3 – 3.3V Fixed
AMC76385-2.5 – 2.5V Fixed
AMC76385-3.3 – 3.3V Fixed
3-Pin Plastic SOT-223
Surface Mount
(Top View)
3-Pin Plastic SOT-223
Surface Mount
(Top View)
ORDER INFORMATION
Plastic SOT-89
Plastic SOT-223
TA (
OC)
PK
3-pin
SK
3-pin
AMC76381-X.XPKF
AMC76382-X.XPKF
AMC76383-X.XSKF
-40 to 85
AMC76385-X.XSKF
Note: 1. All surface-mount packages are available in Tape & Reel.
Append the letter “T” to part number (i.e. AMC76381-X.XPKFT, AMC76383-X.XSKFT).
2. The letter ”F” is marked for Lead Free process.


Similar Part No. - AMC76383-3.3

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
AMC76386-DMF ADDTEK-AMC76386-DMF Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
More results

Similar Description - AMC76383-3.3

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6353 GAMMA-GM6353 Datasheet
69Kb / 7P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
   5mA~450mA Constant Current Regulator
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com