Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC76382-2.5 Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC76382-2.5
Description  450mA LOW DROPOUT REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC76382-2.5 Datasheet(HTML) 4 Page - ADDtek Corp

  AMC76382-2.5 Datasheet HTML 1Page - ADDtek Corp AMC76382-2.5 Datasheet HTML 2Page - ADDtek Corp AMC76382-2.5 Datasheet HTML 3Page - ADDtek Corp AMC76382-2.5 Datasheet HTML 4Page - ADDtek Corp AMC76382-2.5 Datasheet HTML 5Page - ADDtek Corp AMC76382-2.5 Datasheet HTML 6Page - ADDtek Corp AMC76382-2.5 Datasheet HTML 7Page - ADDtek Corp AMC76382-2.5 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMC7638
Copyright
© 2007 ADDtek Corp.
4
DD054_N -- MAY 2007
CHARACTERISTIC CURVES
Line Regulation
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.54.5
5.56.5
7.58.5
9.5
10.5
Input Voltage (V)
Dropout Voltage vs. Temperature
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-40
-20
0
20
40
60
80
100
120
140
TA (oC)
Load Regulation
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0
100
200
300
400
500
Io (mA)
AMC7638X-3.3
Dropout Voltage vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0
100
200
300
400
500
Io (mA)
Output Voltage vs. Temperature
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
-40
-20
0
20
40
60
80
100 120 140
TA (oC)
Io=10mA
Io=100mA
AMC7638X-3.3
Io=300mA
Io=500mA
Quiescent Current vs. Output
Current
4
6
8
10
12
14
0
100
200
300
400
500
Io (mA)
Io=100mA
Io=300mA
AMC7638X-3.3


Similar Part No. - AMC76382-2.5

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
AMC76386-DMF ADDTEK-AMC76386-DMF Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
More results

Similar Description - AMC76382-2.5

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6353 GAMMA-GM6353 Datasheet
69Kb / 7P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
   5mA~450mA Constant Current Regulator
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com