Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC8213NF Datasheet(PDF) 8 Page - ADDtek Corp

Part # AMC8213NF
Description  200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC8213NF Datasheet(HTML) 8 Page - ADDtek Corp

  AMC8213NF Datasheet HTML 1Page - ADDtek Corp AMC8213NF Datasheet HTML 2Page - ADDtek Corp AMC8213NF Datasheet HTML 3Page - ADDtek Corp AMC8213NF Datasheet HTML 4Page - ADDtek Corp AMC8213NF Datasheet HTML 5Page - ADDtek Corp AMC8213NF Datasheet HTML 6Page - ADDtek Corp AMC8213NF Datasheet HTML 7Page - ADDtek Corp AMC8213NF Datasheet HTML 8Page - ADDtek Corp AMC8213NF Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AMC8213
Copyright
© 2006 ADDtek Corp.
8
DD063_C
--
JUNE 2006
PACKAGE
22-Pin Plastic DIP
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
1.020 1.030 1.060 25.91 26.16 26.92
B
0.245 0.250 0.255
6.22
6.35
6.48
C
-
-
0.210
-
-
5.33
D
-
0.018
-
-
0.46
-
F
-
0.060
-
-
1.52
-
G
-
0.100
-
-
2.54
-
H
0.030
-
0.070
0.76
-
1.78
J
0.008
-
0.015
0.20
-
0.38
K
0.115 0.130 0.150
2.92
3.30
3.81
L
0.300 BSC.
7.62 BSC.
22
1
A
G
H
F
L
12
11
B
D
K
C
J
M
M
-
15º
-
15º
24-Pin SOWB (300 mil)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.093
-
0.104
2.36
-
2.64
A1 0.004
-
0.012
0.10
-
0.30
B
-
0.050
-
-
1.27
-
C
-
0.016
-
-
0.41
-
D
0.496
-
0.508 12.60
-
12.90
E
0.291
-
0.299
7.39
-
7.59
H
0.394
-
0.419 10.00
-
10.64
L
0.016
-
0.050
0.41
-
1.27
M
-
-
-
-
L
SEATING PLAN
B
C
E
H
A
A1
D
M


Similar Part No. - AMC8213NF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMC8257 AMD-AMC8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results

Similar Description - AMC8213NF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
   RGB Video Amplifier with OSD Input
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com