Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM50CTK060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM50CTK060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50CTK060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM50CTK060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50CTK060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50CTK060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50CTK060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50CTK060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50CTK060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PM50CTK060
MITSUBISHI INTELLIGENT POWER MODULES
PM50CTK060
FLAT-BASE TYPE
INSULATED PACKAGE
OUTLINE DRAWING
Dimensions in mm
APPLICATION
Air conditioner, mortor control
¡600V, 50A Current-sense 6kHz IGBT
type inverter
¡Built in IGBT gate drive circuit
¡Built in Faule OC, SC, OT & UV protection
Fault output
¡3.7kW class inverter application
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
15.
16.
17.
18.
VUPC
NC
UP
VUP1
VVPC
NC
VP
VVP1
VWPC
NC
WP
VWP1
VNC
VN1
NC
UN
VN
WN
19.
20.
21.
22.
23.
24.
25.
FO
P
NC
N
U
V
W
100.5
±1
88.5
±0.5
60.96
±0.8
(13) 12.5 ±0.25 12.5 ±0.25 12.5 ±0.25 12.5 ±0.25 12.5 ±0.25
(13.77)
4 - R5
4 -
φ4.5
7.62
7.62
7.62
B
A
C1
0.6
14
3
25
8
7
6
12
11
10
13
16
15
14
17
19
18
9
20
21
22
23
24
25
φ1.65
6.35
6
(t = 0.4)
(t = 0.8)
15 - 2.54
±0.25
LABEL
A · B: TERMINAL NAME
B: DETAIL
A: DETAIL
Aug.1999


Similar Part No. - PM50CTK060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CTJ060-3 MITSUBISHI-PM50CTJ060-3 Datasheet
100Kb / 6P
   INSULATED PACKAGE FLAT-BASE TYPE
More results

Similar Description - PM50CTK060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com