Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC7635-2.0 Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC7635-2.0
Description  300mA CMOS LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7635-2.0 Datasheet(HTML) 4 Page - ADDtek Corp

  AMC7635-2.0 Datasheet HTML 1Page - ADDtek Corp AMC7635-2.0 Datasheet HTML 2Page - ADDtek Corp AMC7635-2.0 Datasheet HTML 3Page - ADDtek Corp AMC7635-2.0 Datasheet HTML 4Page - ADDtek Corp AMC7635-2.0 Datasheet HTML 5Page - ADDtek Corp AMC7635-2.0 Datasheet HTML 6Page - ADDtek Corp AMC7635-2.0 Datasheet HTML 7Page - ADDtek Corp AMC7635-2.0 Datasheet HTML 8Page - ADDtek Corp AMC7635-2.0 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AMC7635
Copyright
© 2007 ADDtek Corp.
4
DD078_A
-- SEPTEMBER 2007
CHARACTERIZATION CURVES
Unless otherwise specified, VIN = 5V, CIN = 1µF, CBP = 0.01uF, COUT = 2.2µF, TA = 25
OC.
TIME= 1 ms/DIV
Chip Enable Transient Response
VIN=5V, CIN=1uF, COUT=2.2uF, CBP=1000pF
RLOAD=10Ω
AMC7635-3.3
TIME= 1 ms/DIV
Chip Enable Transient Response
VIN=5V, CIN=1uF, COUT=2.2uF, CBYP=Open
RLOAD=10Ω
AMC7635-3.3
TIME= 20 ms/DIV
Short Circuit Response
VIN=5V, CIN=1uF, COUT=2.2uF,CBP=0.01uF
RLoad =100Ω
RShort =0.1Ω
TIME= 400 ms/DIV
Over Temperature Shutdown
VIN=5V, CIN=1uF, COUT=2.2uF,CBYP=0.01uF
RLoad =6.6Ω
AMC7635-3.3
TIME= 10 ms/DIV
Load Step (1mA~300mA)
VIN=5V, CIN=2.2uF, COUT=2.2uF, CBYP=0.01uF
IO= 1mA ~ 300mA
AMC7635-3.3
TIME= 2 ms/DIV
Line Transient Response
VIN,AVE=5V, CIN=2.2uF, COUT=2.2uF, CBYP=0.01uF
AMC7635-3.3


Similar Part No. - AMC7635-2.0

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
AMC7637-1.5 ADDTEK-AMC7637-1.5 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
AMC7637-1.8 ADDTEK-AMC7637-1.8 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
AMC7637-2.5 ADDTEK-AMC7637-2.5 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
AMC7637-3.0 ADDTEK-AMC7637-3.0 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
More results

Similar Description - AMC7635-2.0

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com