Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC384XBDM Datasheet(PDF) 7 Page - ADDtek Corp

Part # AMC384XBDM
Description  CURRENT MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC384XBDM Datasheet(HTML) 7 Page - ADDtek Corp

Back Button AMC384XBDM Datasheet HTML 3Page - ADDtek Corp AMC384XBDM Datasheet HTML 4Page - ADDtek Corp AMC384XBDM Datasheet HTML 5Page - ADDtek Corp AMC384XBDM Datasheet HTML 6Page - ADDtek Corp AMC384XBDM Datasheet HTML 7Page - ADDtek Corp AMC384XBDM Datasheet HTML 8Page - ADDtek Corp AMC384XBDM Datasheet HTML 9Page - ADDtek Corp AMC384XBDM Datasheet HTML 10Page - ADDtek Corp AMC384XBDM Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AMC3842B/43B/44B/45B
Copyright
© 2006 ADDtek Corp.
7
DD019_F
--
OCTOBER 2006
APPLICATION INFORMATION
Fig. 1. Current Sense Circuit
Peak current (IS) is set by: IS(MAX) = 1V/RS
Fig. 3. Oscillator Section
1.72
Fig. 2. Error Amplifier Configuration - the
amplifier can source or sink up to 0.5mA
For RT < 5K, f =
RTCT
Fig. 4. Open-loop laboratory test fixture: Careful grounding techniques are necessary for high peak currents
associated with capacitive loads. Timing and bypass capacitors should be connected to GND pin in a single
point ground. The transistor and 5K potentiometer are used to sample the oscillator waveform and apply an
adjustable ramp to the ISENSE pin
GND
ISENSE
COMP
Error
Amp
RS
Rf
Cf
R
2R
1V
Current
Sense
Comparator
4.7K
1K
Error AMP
Adjust
4.7K
2N2222
100K
5K
ISENSE
Adjust
COMP
VFB
ISENSE
RT/CT
GND
VREF
VCC
Output
0.1
µF
Output
1K,
1W
VCC
VREF
0.1
µF
GND
CT
RT
2.5V
Zf
Zi
0.5mA
VFB
COMP
Error
Amp
GND
RT/CT
VREF
CT
RT


Similar Part No. - AMC384XBDM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC384XBDM ETC-AMC384XBDM Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
AMC384XBDMF ETC-AMC384XBDMF Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - AMC384XBDM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com