Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC384XBDM Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC384XBDM
Description  CURRENT MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC384XBDM Datasheet(HTML) 5 Page - ADDtek Corp

  AMC384XBDM Datasheet HTML 1Page - ADDtek Corp AMC384XBDM Datasheet HTML 2Page - ADDtek Corp AMC384XBDM Datasheet HTML 3Page - ADDtek Corp AMC384XBDM Datasheet HTML 4Page - ADDtek Corp AMC384XBDM Datasheet HTML 5Page - ADDtek Corp AMC384XBDM Datasheet HTML 6Page - ADDtek Corp AMC384XBDM Datasheet HTML 7Page - ADDtek Corp AMC384XBDM Datasheet HTML 8Page - ADDtek Corp AMC384XBDM Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AMC3842B/43B/44B/45B
Copyright
© 2006 ADDtek Corp.
5
DD019_F
--
OCTOBER 2006
ELECTRICAL CHARACTERISTICS (Continued)
Error Amplifier Section
Input Bias Current
IBIAS
-0.1
-2
µA
Input Voltage
VI(EA)
COMP = 2.5V
2.42
2.50
2.58
V
Open Loop Voltage Gain
GVO
2V
≤ V
O ≤ 4V
65
90
dB
Unity Gain Bandwidth (note 8)
UGBW
TJ = 25
OC
0.7
1
MHz
Power Supply Rejection Ratio
PSRR
12V
≤ V
CC ≤ 25V
60
70
dB
Output Sink Current
ISINK
VFB = 2.7V, COMP = 1.1V
2
7
mA
Output Source Current
ISOURCE
VFB = 2.3V, COMP = 5.0V
-0.5
-1.0
mA
High Output Voltage
VOH
VFB = 2.3V, RL = 15KΩ to GND
5
6
V
Low Output Voltage
VOL
VFB = 2.7V, RL = 15KΩ to VREF
0.7
1.1
V
Output Section
ISINK = 20mA
0.1
0.4
Output Low Level
VOL
ISINK = 200mA
1.4
2.2
V
ISOURCE = 20mA
13
13.5
Output High Level
VOH
ISOURCE = 200mA
12
13.0
V
Rise Time (note 9)
tr
TJ = 25
OC, CL = 1nF
50
150
ns
Fall Time (note 9)
tf
TJ = 25
OC, CL = 1nF
50
150
ns
Under-Voltage Lockout Section
AMC3842B/44B
14.5
16.0
17.5
Start Threshold
VTH(ST)
AMC3843B/45B
7.8
8.4
9.0
V
AMC3842B/44B
8.5
10
11.5
Min. Operating Voltage
AMC3843B/45B
7.0
7.6
8.2
V
PWM Section
AMC3842B/43B
94
97
100
Maximum Duty Cycle
Dmax
AMC3844B/45B
47
48
50
%
Total Standby Current
AMC3842B/44B
0.2
Startup Current
AMC3843B/45B
0.2
mA
Operating Supply Current
ICC
VFB = ISENSE = 0V
14
17
mA
Zener Voltage
VZ
ICC = 25mA
30
35
V
Note 7:
Adjust VCC above the start threshold before setting at 15V
Note 8:
These parameters, although guaranteed, are not 100% tested in production prior to shipment
Note 9:
Parameters are measured at trip point of latch with VFB = 2V
Note 10:
Gain is measured between ISENSE and COMP with the input changing from 0V to 0.8V


Similar Part No. - AMC384XBDM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC384XBDM ETC-AMC384XBDM Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
AMC384XBDMF ETC-AMC384XBDMF Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - AMC384XBDM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com