Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC2576 Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC2576
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2576 Datasheet(HTML) 3 Page - ADDtek Corp

  AMC2576 Datasheet HTML 1Page - ADDtek Corp AMC2576 Datasheet HTML 2Page - ADDtek Corp AMC2576 Datasheet HTML 3Page - ADDtek Corp AMC2576 Datasheet HTML 4Page - ADDtek Corp AMC2576 Datasheet HTML 5Page - ADDtek Corp AMC2576 Datasheet HTML 6Page - ADDtek Corp AMC2576 Datasheet HTML 7Page - ADDtek Corp AMC2576 Datasheet HTML 8Page - ADDtek Corp AMC2576 Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AMC2576
Copyright
© 2006 ADDtek Corp.
3
DD007_E
--
DECEMBER 2006
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Voltage, VIN
45V
ENABLE Pin Input Voltage
-0.3V
≤ V ≤ V
IN
Operating Junction Temperature, TJ
150°C
Storage Temperature Range
-65°C to 150°C
Lead Temperature (soldiering, 10 seconds)
260°C
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into,
negative out of the specified terminal.
RECOMMENDED OPERATING RATINGS
Temperature Range
-40°C
≤ T
J ≤ 125°C
Input Voltage, VIN
40V(Max.)
THERMAL DATA
P,PB, DD PACKAGE:
Thermal Resistance-Junction to Tab,
θ
JT
3.0°C /W
Thermal Resistance-Junction to Ambient,
θ
JA
45°C /W
Junction Temperature Calculation:
TJ = TA+ (PD × θ JA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
BLOCK DIAGRAM
VIN
1
2
4
3
5
FB
GND
VOUT
Regulator
With
Enable
Comparator
52KHz
Oscillator
Driver
Thermal Shutdown
&
Current Limit
ENABLE
Reset
1.23V
Reference
R1*
R2*
Error
Amplifier
VOUT = 3.3V
: R2/R1 = 1.7
VOUT = 5.0V
: R2/R1 = 3.1
VOUT = Adjustable
: R2 = 0
R1 = Open


Similar Part No. - AMC2576

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AMC2512 OHMITE-AMC2512 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
List of Unclassifed Man...
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC2596-3.3 ETC1-AMC2596-3.3 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Similar Description - AMC2576

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com