Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC317 Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC317
Description  1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC317 Datasheet(HTML) 1 Page - ADDtek Corp

  AMC317 Datasheet HTML 1Page - ADDtek Corp AMC317 Datasheet HTML 2Page - ADDtek Corp AMC317 Datasheet HTML 3Page - ADDtek Corp AMC317 Datasheet HTML 4Page - ADDtek Corp AMC317 Datasheet HTML 5Page - ADDtek Corp AMC317 Datasheet HTML 6Page - ADDtek Corp AMC317 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.addmtek.com
Copyright
© 2006 ADDtek Corp.
1
DD011_G
--
MARCH 2007
AMC317
1.2A / 3-TERMINAL ADJUSTABLE
REGULATOR
DESCRIPTION
FEATURES
The AMC317 series is a 3-terminal adjustable regulator
featuring output current of typical 1.2A over a wide output
range from 1.2V to 20V.
Only two external resistors are
required to set the output voltage. This feature provides
better line and load regulation than fixed regulators.
Also,
the
AMC317
series
offers
full
overload
protection, current limit, and thermal protection features. In
most applications, no capacitor is required for the AMC317.
However, if the device is located far from the input filter
capacitor, then an input bypass will be required. Also, in
order to improve the transient response, an output capacitor
is recommended.
Output current capability of 1.2A
Wide output voltage range – adjustable from
1.2V to 20V
Ripple rejection typically 80 dB
Typically 0.1% load regulation
Built-in over current, over temperature and
overload protection.
Internal thermal overload protection
Available in 3-Lead TO-220, and surface
mount 3-Lead TO-263.
Identical pin assignment to earlier LM317
series.
APPLICATIONS
PACKAGE PIN OUT
VIN
VOUT
ADJ
3-PinPlasticTO-220
(TopView)
V IN
V OUT
ADJ
3-P in P las tic T O -2 63
S u rface M o u n t
(To p V ie w )
Voltage Regulators
Power Supplies
Current Regulators
Switching Regulators
Current Limiter
Constant Current Battery Charger
Current Limited Charger
3-Pin Plastic TO-252
Surface Mount
(Top View)
3. VIN
2. V out
1. ADJ/GND
V IN
V OU T
AD J
3 - Pi n Pl a s t i c SO T - 2 2 3
S u r f ace M o u n t
( T op Vi e w )
ORDER INFORMATION
Plastic TO-220
Plastic TO-263
Plastic TO-252
Plastic SOT-223
TA (°C)
T
3-pin
ST
3-pin
SJ
3-pin
SK
3-pin
0 to 70 AMC317T
AMC317ST
AMC317SJ
AMC317SK
0 to 70 AMC317TF (Lead Free) AMC317STF (Lead Free) AMC317SJF (Lead Free) AMC317SKF (Lead Free)
Note: 1.All surface-mount packages are available in Tape & Reel.
Append the letter “T” to part number (i.e.
AMC317STT).
2.The letter “F” is marked for Lead Free process.


Similar Part No. - AMC317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
AMC317ST ETC-AMC317ST Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
AMC317T ETC-AMC317T Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - AMC317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com