Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A705SFT-230 Datasheet(PDF) 1 Page - ADDtek Corp

Part # A705SFT-230
Description  200mA ~ 300mA ADVANCED CURRENT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

A705SFT-230 Datasheet(HTML) 1 Page - ADDtek Corp

  A705SFT-230 Datasheet HTML 1Page - ADDtek Corp A705SFT-230 Datasheet HTML 2Page - ADDtek Corp A705SFT-230 Datasheet HTML 3Page - ADDtek Corp A705SFT-230 Datasheet HTML 4Page - ADDtek Corp A705SFT-230 Datasheet HTML 5Page - ADDtek Corp A705SFT-230 Datasheet HTML 6Page - ADDtek Corp A705SFT-230 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.addmtek.com
Copyright
© 2007 ADDtek Corp.
1
DD077_A -- AUGUST 2007
A705
200mA ~ 300mA
ADVANCED CURRENT REGULATOR
DESCRIPTION
FEATURES
The A705 is a low dropout current regulator rated
for 210mA, 230mA, 250mA, 270mA, and 290mA
constant sink current. The low quiescent current and low
dropout voltage are achieved by advanced Bi-CMOS
process.
Only bypass capacitor is required.
210/230/250/270/290mA constant sink current.
Output short / open circuit protection.
Low dropout voltage.
Low quiescent current.
Supply voltage range 2.7V ~ 12V.
2KV HBM ESD protection.
Advanced Bi-CMOS process.
SOT-89 and TO-252 package available.
TYPICAL APPLICATION CIRCUIT
APPLICATIONS
Power LED Driver
LED Cap-Lamp
PACKAGE PIN OUT
A705X
OUT
VDD
GND
VDD
VLED+
CIN
CBP
VDD
GND
OUT
SOT-89
VDD
GND
OUT
TO-252
(Top View)
ORDER INFORMATION
SOT-89
TO-252
Output Current
N
3-pin
S
3-pin
200mA ~ 220mA
A705NFT-210
A705SFT-210
220mA ~ 240mA
A705NFT-230
A705SFT-230
240mA ~ 260mA
A705NFT-250
A705SFT-250
260mA ~ 280mA
A705NFT-270
A705SFT-270
280mA ~ 300mA
A705NFT-290
A705SFT-290
Note: The letter ”F” is marked for Lead Free process, and letter “T” is marked for Tape & Reel.


Similar Part No. - A705SFT-230

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A705430012 MOLEX8-A705430012 Datasheet
429Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Vertical, .120" Pocket, Shrouded, 13 Circuits, 0.38um
A705430056 MOLEX8-A705430056 Datasheet
429Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Vertical, .120" Pocket, Shrouded, 22 Circuits, Tin (Sn) Plating
A705530014 MOLEX8-A705530014 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header
A705530024 MOLEX8-A705530024 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL Header, Low Profile, Single Row, Right Angle, .120" Pocket, Shrouded, 25 Circuits
A705530039 MOLEX8-A705530039 Datasheet
359Kb / 5P
   2.54mm (.100") Pitch SL??Header, Low Profile, Single Row, Right Angle, .120" Pocket, Shrouded, 5 Circuits, Tin (Sn) Plating
More results

Similar Description - A705SFT-230

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
logo
Seaward Electronics Inc...
SE9135 SEAWARD-SE9135 Datasheet
186Kb / 4P
   350mA Advanced Current Regulator
logo
ADDtek Corp
AMC7135 ADDTEK-AMC7135 Datasheet
249Kb / 6P
   350mA ADVANCED CURRENT REGULATOR
APRIL 2007
logo
Torex Semiconductor
XC62FJ TOREX-XC62FJ Datasheet
413Kb / 16P
   10V Input, 200mA Low Consumption Current Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com