Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44BC374CDR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC44BC374CDR2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC374CDR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC44BC374CDR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BC374CDR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BC374CDR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BC374CDR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC374CDR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC374CDR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC374CDR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC374CDR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC374CDR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Device Overview
MC44BC373C/374C Technical Data
2 Device Overview
Figure 2 shows a simplified block diagram of the MC44BC373C/4C device.
The MC44BC373C/4C device has three main sections:
1. A high speed I2C-compatible bus section
2. A PLL section to synthesize the UHF/VHF output channel frequency (from an integrated
UHF oscillator, divided for VHF output)
3. A modulator section, which accepts audio and video inputs, then uses them to modulate the
UHF/VHF carrier
An on-chip video test pattern generator with an audio test signal is included.
The MC44BC373C operates as a multi-standard modulator and can handle the following systems using the
same external circuit components: B /G, I, D /K, L, M/ N.
High frequency BiCMOS technology allows integration of the UHF tank circuit and certain filtering
functions.
Figure 2. MC44BC373C/4C Simplified Block Diagram
8
13
1
2
6
11
14
9
4
12
7
3
10
15
16
TVOVCC
TVOUT
LOP
VIDEO
SPLLFLT
AUDIO
VCCA
GND
PREEM
XTAL
PLLFLT
GNDD
VCCD
SCL
SDA
BUS SECTION
VCO and PLL SECTION
MODULATOR
SECTION
Clamp
Peak
White
L/BG
31.25
31.25KHz
4MHz
XCO
Ref Divider
/128
Phase
Comp
PLL
Prog
Divider
Prescaler /8
VHF Dividers
Video
Modulator
LPF
LPF
Sound
Modulator
L/BG
FM
AM
ALC
LPF
Prog
Divider
AM Modulator
Audio
Amplifier
Sound
Oscillator
and FM
Modulator
Sound
PFD
kHz
High Speed
I2CBus
Receiver
UHF OSC
I2CBUS
I2CBUS
75
5
GND
Clip
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44BC374CDR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC374 MOTOROLA-MC44BC374 Datasheet
635Kb / 24P
   Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
MC44BC374DTB MOTOROLA-MC44BC374DTB Datasheet
635Kb / 24P
   Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
logo
Freescale Semiconductor...
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
logo
Motorola, Inc
MC44BC374T1 MOTOROLA-MC44BC374T1 Datasheet
282Kb / 26P
   No external varicaps diodes/inductor or tuned components
logo
Freescale Semiconductor...
MC44BC374T1D FREESCALE-MC44BC374T1D Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
More results

Similar Description - MC44BC374CDR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com