Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6902 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SG6902
Description  Green-Mode PFC / Flyback-PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6902 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SG6902 Datasheet HTML 4Page - Fairchild Semiconductor SG6902 Datasheet HTML 5Page - Fairchild Semiconductor SG6902 Datasheet HTML 6Page - Fairchild Semiconductor SG6902 Datasheet HTML 7Page - Fairchild Semiconductor SG6902 Datasheet HTML 8Page - Fairchild Semiconductor SG6902 Datasheet HTML 9Page - Fairchild Semiconductor SG6902 Datasheet HTML 10Page - Fairchild Semiconductor SG6902 Datasheet HTML 11Page - Fairchild Semiconductor SG6902 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Product Specification
Green-Mode PFC / Flyback-PWM Controller
SG6902
© System General Corp.
- 8 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.3.1 (IAO33.0022.B3)
September, 2007
PWM STAGE
FBPWM
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Av-PWM
FB to Current Comparator Attenuation
2.5
3.1
3.5
V/V
ZFB
*
Input Impedance
4
5
7
KΩ
IFB
Maximum Source Current
0.8
1.2
1.5
mA
FBOPEN-LOOP
PWM Open-Loop Protection Threshold
4.2
4.5
4.8
V
TOPEN-PWM
PWM Open-Loop Protection Delay Time
RI=24kΩ
45
56
70
ms
VPFC-OFF1
PFC Off Voltage at FBPWM
RANGE=Ground
VG+0.2V
V
VPFC-OFF2
PFC Off Voltage at FBPWM
RANGE=Open
VG+0.2V
V
TPFC-OFF
PFC Off Delay Time
RI=24kΩ
500
650
800
ms
VPFC-ON 1.6
PFC On Voltage at FBPWM
RANGE=Ground VRMS=1.6V
VG+0.35
V
V
VPFC-ON 2.85
PFC On Voltage at FBPWM
RANGE=Ground VRMS=2.85V
VG+0.35
V
V
VPFC-ON 0.8
PFC On Voltage at FBPWM
RANGE=Open VRMS=0.8V
VG+0.85
V
V
VPFC-ON 1.95
PFC On Voltage at FBPWM
RANGE=Open VRMS=1.95V
VG+0.5V
V
VN
Frequency Reduction Threshold on
FBPWM
RANGE=Ground
1.9
2.1
2.3
V
SG
*1
Green-Mode Modulation Slope
60
75
90
Hz/V
VG
Voltage on FBPWM at FS=20KHz
1.35
1.60
1.75
V
* Not tested in production.
PWM-Current Sense
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TPD-PWM
Propagation Delay to Output
60
120
ns
VLIMIT-1
Peak Current Limit Threshold Voltage1
RANGE=Open
0.65
0.70
0.75
V
VLIMIT-2
Peak Current Limit Threshold Voltage2
RANGE=Ground
0.60
0.65
0.70
V
TBNK-PWM
Leading-Edge Blanking Time
270
350
450
ns
VSLOPE
Slope Compensation
VS=△VSLOPE x (Ton/T)
VS: Compensation Voltage
Added to Current Sense
0.45
0.50
0.55
V
PWM Output Driver
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VZ-PWM
Output Voltage Maximum (Clamp)
VDD=20V
16
18
V
VOL-PWM
Output Voltage Low
VDD=15V; IO=100mA
1.5
V
VOH-PWM
Output Voltage High
VDD=13V; IO=100mA
8
V
TR-PWM
Rising Time
VDD=15V; CL=5nF; OPWM=2V to
9V
30
60
120
ns
TF-PWM
Falling Time
VDD=15V; CL=5nF; OPWM=9V to
2V
30
50
110
ns
DCMAX-PWM
Maximum Duty Cycle
73
78
83
%


Similar Part No. - SG6902

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
545Kb / 12P
   Control a CCM PFC and Flyback/PWM Power Supply
More results

Similar Description - SG6902

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
SG6901A FAIRCHILD-SG6901A Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
SG6932 FAIRCHILD-SG6932 Datasheet
696Kb / 20P
   Green-Mode PFC / Forward PWM Controller
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com