Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV019L Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI90LV019L
Description  Single Bus LVDS Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV019L Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI90LV019L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV019L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV019L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV019L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV019L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV019L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV019L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV019L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV019L Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8614C
03/06/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV019
Single Bus LVDS Transceiver
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
P.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
e
v
i
r
D
l
a
i
t
n
e
r
e
f
f
i
D
V D
O
e
g
a
tl
o
V
l
a
it
n
e
r
e
f
fi
D
t
u
p
t
u
O
RL
)
V
L
(
,
s
m
h
o
-
0
0
1
=
1
e
r
u
g
i
F
+
O
D
O
D
0
5
20
5
30
5
4
V
m
ΔV D
O
V D
O
e
g
n
a
h
C
e
d
u
ti
n
g
a
M
60
6
V S
O
e
g
a
tl
o
V
t
e
s
f
f
O
15
2
.
17
.
1V
ΔV S
O
e
g
n
a
h
C
e
d
u
ti
n
g
a
M
t
e
s
f
f
O
50
6
V
m
I D
Z
O
e
g
a
k
a
e
L
e
c
n
a
d
e
p
m
I
h
g
i
HV T
U
O
V
=
C
C
V
0
=
E
D
,
D
N
G
r
o0
1
–1
±0
1
+
A
μ
I D
X
O
e
g
a
k
a
e
L
f
f
O
-
r
e
w
o
PV T
U
O
6
.
3
=
V
V
,
D
N
G
r
o
C
C
V
0
=0
1
–1
±0
1
+
I D
S
O
t
n
e
r
r
u
C
ti
u
c
ri
C
t
r
o
h
S
t
u
p
t
u
OV T
U
O
V
=
E
D
,
V
0
=
C
C
V
L0
1
–6
–4
–A
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
e
v
i
e
c
e
R
l
a
i
t
n
e
r
e
f
f
i
D
V H
O
h
g
i
H
t
u
p
t
u
O
e
g
a
tl
o
VV D
I
V
m
0
0
1
+
=I H
O
A
μ
0
0
4
=
R T
U
O
9
.
23
.
3
V
n
e
p
O
s
t
u
p
n
I9
.
23
.
3
V L
O
w
o
L
t
u
p
t
u
O
e
g
a
tl
o
VI L
O
V
,
A
m
0
.
2
=
D
I
V
m
0
0
1
=1
.
04
.
0
I S
O
t
n
e
r
r
u
C
ti
u
c
ri
C
t
r
o
h
S
t
u
p
t
u
OV T
U
O
V
0
=5
7
–4
3
–0
2
–A
m
V H
T
h
g
i
H
d
l
o
h
s
e
r
h
T
t
u
p
n
I
+
I
R
I
R
0
0
1
+
mV
V L
T
w
o
L
d
l
o
h
s
e
r
h
T
t
u
p
n
I
0
0
1
I N
I
t
n
e
r
r
u
C
t
u
p
n
IV N
I
V
V
0
r
o
,
V
4
.
2
+
=
C
C
V
0
r
o
V
6
.
3
=0
1
–1
±0
1
±A
μ
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
e
c
i
v
e
D
V H
I
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
m
u
m
i
n
i
M
D N
I ,
E
R
,
E
D
0
.
2V C
C
V
V L
I
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
m
u
m
i
n
i
M
D
N
G8
.
0
I H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IV N
I
V
=
C
C
V
4
.
2
r
o1
±0
1
+
A
μ
I L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IV N
I
V
4
.
0
r
o
D
N
G
=1
±0
1
+
V L
C
e
g
a
tl
o
V
p
m
a
l
C
e
d
o
i
D
t
u
p
n
II
P
M
A
L
C
A
m
8
1
=5
.
1
–7
.
0
–V
I C
C
d
e
l
b
a
n
E
r
e
v
i
r
D
d
a
o
L
o
ND N
I
V
=
C
C
D
N
G
r
o
V
=
E
D
C
C
E
R
=
V
L
V C
C
0
.
40
.
8
A
m
I L
C
C
d
e
l
b
a
n
e
r
e
v
i
r
d
d
e
d
a
o
LRL
)
s
l
e
n
n
a
h
c
ll
a
(
s
m
h
o
0
0
1
=
D N
I
V
=
C
C
)
s
t
u
p
n
i
ll
a
(
D
N
G
r
o
V
=
E
D
C
C
D
N
G
=
E
R
,
V
L0
20
3
I Z
C
C
d
e
l
b
a
s
i
d
r
e
v
i
r
d
d
a
o
L
o
ND N
I
V
=
C
C
,
D
N
G
r
o
V
=
E
R
,
D
N
G
=
E
D
C
C
V
L
2
.
20
.
8
C
t
u
p
t
u
o
D
e
c
n
a
ti
c
a
p
a
C
,
+
O
D
O
D
5
F
p
C
t
u
p
n
i
R
e
c
n
a
ti
c
a
p
a
C
I
R
,
+
I
R5
DC Electrical Characteristics(2,3)
TA = –40°C to +85°C, unless otherwise noted. VCC = 3.3V ±0.3V(2,3)
Notes:
1.
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not
meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions
of device operation.
2.
All currents into device pins are positive, all currents out of device pins are negative. All voltages are referenced to ground
except: VOD, VID, VTH, and VTL, unless otherwise specified.
3.
All typicals are given for VCC = +3.3V and TA = +25°C unless otherwise stated.
Notes continued on next page...
06-0018


Similar Part No. - PI90LV019L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LV017A PERICOM-PI90LV017A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AUE PERICOM-PI90LV017AUE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AWE PERICOM-PI90LV017AWE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV018A PERICOM-PI90LV018A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
More results

Similar Description - PI90LV019L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
logo
National Semiconductor ...
DS92LV010A NSC-DS92LV010A_07 Datasheet
307Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
DS92LV010A NSC-DS92LV010A Datasheet
141Kb / 10P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Texas Instruments
DS92LV010A TI1-DS92LV010A_13 Datasheet
884Kb / 17P
[Old version datasheet]   Bus LVDS 3.3/5.0V Single Transceiver
logo
National Semiconductor ...
DS92LV010AEP NSC-DS92LV010AEP Datasheet
371Kb / 12P
   Bus LVDS 3.3/5.0V Single Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com