Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG103FA-5KTTT Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REG103FA-5KTTT
Description  DMOS 500mA Low-Dropout Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG103FA-5KTTT Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REG103FA-5KTTT Datasheet HTML 1Page - Burr-Brown (TI) REG103FA-5KTTT Datasheet HTML 2Page - Burr-Brown (TI) REG103FA-5KTTT Datasheet HTML 3Page - Burr-Brown (TI) REG103FA-5KTTT Datasheet HTML 4Page - Burr-Brown (TI) REG103FA-5KTTT Datasheet HTML 5Page - Burr-Brown (TI) REG103FA-5KTTT Datasheet HTML 6Page - Burr-Brown (TI) REG103FA-5KTTT Datasheet HTML 7Page - Burr-Brown (TI) REG103FA-5KTTT Datasheet HTML 8Page - Burr-Brown (TI) REG103FA-5KTTT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
REG103
4
SBVS010D
TYPICAL CHARACTERISTICS
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
100
0
200
300
400
500
0.5
0
–0.5
–1.0
–1.5
I
OUT (mA)
OUTPUT VOLTAGE CHANGE vs I
OUT
(V
IN = VOUT + 1V, Output Voltage % Change
Referred to I
OUT = 10mA at +25°C)
= –55
°C
= +25
°C
= +125
°C
100
0
200
300
400
500
180
160
140
120
100
80
60
40
20
0
Output Current (mA)
DC DROPOUT VOLTAGE vs OUTPUT CURRENT
= –55
°C
= +25
°C
= +125
°C
–75
–25
–50
25
0
50
75
100
125
0.1
0.5
0
–0.5
–1
–1.5
Temperature (
°C)
OUTPUT VOLTAGE vs TEMPERATURE
(Output Voltage % Change Referred to
I
OUT = 10mA at +25°C)
= 10mA
= 100mA
= 500mA
–75
–25
–50
25
0
50
75
100
125
160
120
80
40
0
Temperature (
°C)
DC DROPOUT VOLTAGE vs TEMPERATURE
= 10mA
= 100mA
= 500mA
–75
–25
–50
25
0
50
75
100
125
0.5
0.4
0.3
0.2
0.1
0
Temperature (
°C)
LINE REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V to VIN = 15V )
= 10mA
= 100mA
02
4
6
10
8
0.5
0
–0.5
–1.0
–1.5
Input Voltage Above V
OUT
OUTPUT VOLTAGE CHANGE vs V
IN
(Output Voltage % Change Referred
to V
IN = VOUT + 1V at IOUT = 10mA)
= 10mA
= 100mA
= 500mA


Similar Part No. - REG103FA-5KTTT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103FA-5KTTT BURR-BROWN-REG103FA-5KTTT Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
logo
Texas Instruments
REG103FA-5KTTT TI1-REG103FA-5KTTT Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
REG103FA-5KTTT TI1-REG103FA-5KTTT Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
REG103FA-5KTTTG3 TI1-REG103FA-5KTTTG3 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
REG103FA-5KTTTG3 TI1-REG103FA-5KTTTG3 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
More results

Similar Description - REG103FA-5KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG103 TI1-REG103 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG103 BURR-BROWN-REG103 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com