Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1074 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # H1074
Description  10/100BASE-TX QUAD PORT TRANSFORMER MODULES For Use with Level One?셲 LXT974, LXT975 and LXT980 Series of PHY Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H1074 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  H1074 Datasheet HTML 1Page - Pulse A Technitrol Company H1074 Datasheet HTML 2Page - Pulse A Technitrol Company H1074 Datasheet HTML 3Page - Pulse A Technitrol Company H1074 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 769 5538070 •• Taiwan 886 2 26980228
www.pulseeng.com
1
H321.D (8/06)
10/100BASE-TX QUAD PORT
TRANSFORMER MODULES
For Use with Level One’s LXT974, LXT975
and LXT980 Series of PHY Solutions
Mechanical
H10XX
H-10XX
DATE CODE
COUNTRY OF ORIGIN
1.125 MAX
28,58
.640 MAX
16,26
.950
24,13
40X .018
0,46
19X .050
1,27
40X .090
2,29
40X .030
0,76
.480
12,19
.050
1,27
19X .050 = .950
1,27
24,13
40X .024
0,61
.004/0,10
40 SURFACES
0° – 8°
.485
12,32
.230 MAX
5,84
40X .045
1,14
.005
0,13
.010
0,25
Dimensions: Inches
Unless otherwise specified, all tolerances are ±.010
mm
0,25
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
RoHS-6 peak reflow temperature rating: 245°C
RoHS-5 peak reflow temperature rating: 235°C
Meets IEEE 802.3 specification
Models designed to support four single- or double-stacked
RJ-45 connectors
RoHS-54
RoHS-65
Insertion
Common to Common
Differential to Common
Compliant
Compliant
Loss
Return Loss
Crosstalk
Rejection Ratio
Mode Rejection
Part
Part
(dB TYP)
(dB TYP)
(dB MIN)
0.1-60MHz (dB MIN)
(dB MIN)
Number
Number
0.1-100MHz
2-30MHz 40MHz 50MHz 60-80MHz
1MHz 30MHz
60MHz 100MHz
Transmit
Receive
1-60MHz
60-200MHz
H1068
H1068NL3d
-0.5
-21
-17
-14.5
-12
-60
-50
-40
-35
-30
-30
-40
-30
H1069
H1069NL3d
-0.5
-21
-17
-14.5
-12
-60
-50
-40
-35
-30
-30
-40
-30
H1074
H1074NL3d
-0.5
-21
-17
-14.5
-12
-60
-50
-40
-30
-30
-30
-40
-30
1. All product meets input/output breakdown (HiPot) of 1500 Vrms.
2. For Tape & Reel packaging, add suffix “T” to the end of the part number e. g. H1069T
3. MSL=Moisture Sensitivity Level a=1 b=2 c=3 d=4
4. RoHS-5: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive (product contains lead in applications considered solder).
5. RoHS-6: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high-temperature
solder (solder alloys containing more than 85% lead).


Similar Part No. - H1074

ManufacturerPart #DatasheetDescription
logo
Littelfuse
H107001 LITTELFUSE-H107001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
H107002 LITTELFUSE-H107002 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
logo
Pulse A Technitrol Comp...
H1071NL PULSE-H1071NL Datasheet
190Kb / 5P
   10/100BASE-TX QUAD PORT TRANSFORMER MODULES
logo
Hamamatsu Corporation
H10720 HAMAMATSU-H10720_15 Datasheet
87Kb / 2P
   Photosensor Modules
H10722 HAMAMATSU-H10722_15 Datasheet
84Kb / 2P
   Metal package PMT
More results

Similar Description - H1074

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1036L PULSE-H1036L Datasheet
190Kb / 5P
   10/100BASE-TX QUAD PORT TRANSFORMER MODULES
100B-4005 PULSE-100B-4005 Datasheet
532Kb / 2P
   10/100BASE-TX QUAD-PORT TRANSFORMER MODULES
100B-4001 PULSE-100B-4001 Datasheet
330Kb / 2P
   10/100BASE-TX Quad-Port Transformer Modules
H1053NLT PULSE-H1053NLT Datasheet
702Kb / 4P
   10/100Base-TX Quad Port Transformer Modules
logo
Rhombus Industries Inc.
T-17108 RHOMBUS-IND-T-17108 Datasheet
39Kb / 1P
   10/100BASE-TX QUAD PORT TRANSFORMER
T-17702 RHOMBUS-IND-T-17702 Datasheet
38Kb / 1P
   10/100BASE-TX QUAD PORT TRANSFORMER
T-17100 RHOMBUS-IND-T-17100 Datasheet
119Kb / 3P
   10/100BASE-TX QUAD PORT TRANSFORMER
T-17104 RHOMBUS-IND-T-17104 Datasheet
39Kb / 1P
   10/100BASE-TX QUAD PORT TRANSFORMER
T-17709 RHOMBUS-IND-T-17709 Datasheet
29Kb / 1P
   10/100BASE-TX QUAD PORT TRANSFORMER
logo
Pulse A Technitrol Comp...
H1112NLT PULSE-H1112NLT Datasheet
467Kb / 3P
   10/100Base-TX Single Port Transformer Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com