Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89V52X2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89V52X2
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89V52X2 Datasheet HTML 5Page - NXP Semiconductors P89V52X2 Datasheet HTML 6Page - NXP Semiconductors P89V52X2 Datasheet HTML 7Page - NXP Semiconductors P89V52X2 Datasheet HTML 8Page - NXP Semiconductors P89V52X2 Datasheet HTML 9Page - NXP Semiconductors P89V52X2 Datasheet HTML 10Page - NXP Semiconductors P89V52X2 Datasheet HTML 11Page - NXP Semiconductors P89V52X2 Datasheet HTML 12Page - NXP Semiconductors P89V52X2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 3.
Special function registers
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
MSB
LSB
Bit address
E7E6E5
E4
E3
E2E1
E0
ACC*
Accumulator
E0H
AUXR
Auxiliary function register
8EH
---
----
AO
AUXR1
Auxiliary function register 1
A2H
-
-
-
GF2
0
-
DPS
Bit address
F7
F6F5F4F3
F2
F1F0
B*
B register
F0H
CKCON
B register
8FH
---
----
X2
DPTR
Data Pointer (2 B)
DPH
Data Pointer HIGH
83H
DPL
Data Pointer LOW
82H
Bit address
AF
AE
AD
AC
AB
AA
A9
A8
IE*
Interrupt Enable 0
A8H
EA
-
ET2
ES
ET1
EX1
ET0
EX0
Bit address
BF
BE
BD
BC
BB
BA
B9
B8
IP*
Interrupt Priority 0
B8H
-
-
PT2
PS
PT1
PX1
PT0
PX0
IPH
Interrupt Priority 0 HIGH
B7H
-
-
PT2H
PS0H
PT1H
PX1H
PT0H
PX0H
Bit address
878685
8483
8281
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Bit address
979695
9493
9291
90
P1*
Port 1
90H
---
---
T2EX
T2
Bit address
A7
A6
A5A4A3
A2A1
A0
P2*
Port 2
A0H
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
Bit address
B7
B6
B5B4B3
B2B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TXD
RXD
PCON
Power Control Register
87H
SMOD1
SMOD0
-
POF
GF1
GF0
PD
IDL
Bit address
D7
D6
D5D4D3
D2D1
D0
PSW*
Program Status Word
D0H
CY
AC
F0
RS1
RS0
OV
-
P
RCAP2H
Timer2 Capture HIGH
CBH
RCAP2L
Timer2 Capture LOW
CAH
Bit address
9F
9E
9D
9C
9B
9A
99
98


Similar Part No. - P89V52X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V52X2 NXP-P89V52X2 Datasheet
271Kb / 57P
   8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
Rev. 03-4 May 2009
P89V52X2FA NXP-P89V52X2FA Datasheet
271Kb / 57P
   8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
Rev. 03-4 May 2009
P89V52X2FBD NXP-P89V52X2FBD Datasheet
271Kb / 57P
   8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
Rev. 03-4 May 2009
P89V52X2FN NXP-P89V52X2FN Datasheet
271Kb / 57P
   8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
Rev. 03-4 May 2009
More results

Similar Description - P89V52X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V52X2 NXP-P89V52X2 Datasheet
271Kb / 57P
   8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
Rev. 03-4 May 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89LPC920 NXP-P89LPC920 Datasheet
238Kb / 46P
   8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004
P89LPC920 PHILIPS-P89LPC920 Datasheet
877Kb / 45P
   8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 06-21 November 2003
P89LPC932 PHILIPS-P89LPC932 Datasheet
877Kb / 51P
   80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
Rev. 04-06 January 2004
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com