Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-C1CB024G Datasheet(PDF) 5 Page - Fuji Electric

Part # FTR-C1CB024G
Description  ULTRA MINIATURE RELAY SIGNAL RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FTR-C1CB024G Datasheet(HTML) 5 Page - Fuji Electric

  FTR-C1CB024G Datasheet HTML 1Page - Fuji Electric FTR-C1CB024G Datasheet HTML 2Page - Fuji Electric FTR-C1CB024G Datasheet HTML 3Page - Fuji Electric FTR-C1CB024G Datasheet HTML 4Page - Fuji Electric FTR-C1CB024G Datasheet HTML 5Page - Fuji Electric FTR-C1CB024G Datasheet HTML 6Page - Fuji Electric FTR-C1CB024G Datasheet HTML 7Page - Fuji Electric FTR-C1CB024G Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FTR-C1 Series
5
10 9
8
3
5
4
(-) 12
(+) 1
Polarity Bar
10
9
8
(-) (+) 12
(+) (-) 1
Polarity Bar
3
5
4
5.08 ±0.3
2.54±0.3
(1.1)
2.54±0.3
5.08 ±0.3
9.4+0.3
5.08 ±0.1
2.54±0.1
2.54±0.1
3o±2o
1±0.1
1±0.1
1±0.1
S R
n
DIMENSIONS AND SCHEMATICS
Surface mount type
n
RECOMMENDED MOUNTING PAD
Unit: mm
Unit: mm
S shows the polarity of set positin
R shows the polarity of reset position
Single Coil Latching type
(Bottom view reset position)
(Top view de-energized position)
n
TERMINAL DESIGNATIONS
Standard type
Polarity Bar
F.T. C1GA003G
Japan 0031K
14.9 ± 0.1


Similar Part No. - FTR-C1CB024G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C1CB012G FUJITSU-FTR-C1CB012G Datasheet
357Kb / 9P
   POWER RELAY 2 POLES-2A High Insulation/wide Gap
More results

Similar Description - FTR-C1CB024G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
NEC
EA23SNU NEC-EA23SNU Datasheet
103Kb / 8P
   MINIATURE SIGNAL RELAY
logo
Adam Technologies, Inc.
RPL-1A-P-24 ADAM-TECH-RPL-1A-P-24 Datasheet
92Kb / 1P
   MINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD3-I HONGFA-HFD3-I Datasheet
833Kb / 6P
   MINIATURE SIGNAL RELAY
logo
Adam Technologies, Inc.
RPL-1C-P-48 ADAM-TECH-RPL-1C-P-48 Datasheet
93Kb / 1P
   MINIATURE SIGNAL RELAY
logo
Omron Electronics LLC
G5V-2 OMRON-G5V-2_1 Datasheet
86Kb / 4P
   Miniature Relay for Signal Circuits
G5V2 OMRON-G5V2 Datasheet
421Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC24 OMRON-G5V-2-DC24 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com