Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDM0765RB Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSDM0765RB
Description  Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0765RB Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSDM0765RB Datasheet HTML 1Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 2Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 3Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 4Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 5Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 6Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 7Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 8Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565R, FSQ0765R Rev. 1.0.0
4
Pin Configuration
Figure 3. Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1Drain
SenseFET drain. High-voltage power SenseFET drain connection.
2GND
Ground. This pin is the control ground and the SenseFET source.
3VCC
Power Supply. This pin is the positive supply input. This pin provides internal operating cur-
rent for both start-up and steady-state operation.
4FB
Feedback. This pin is internally connected to the inverting input of the PWM comparator. The
collector of an opto-coupler is typically tied to this pin. For stable operation, a capacitor should
be placed between this pin and GND. If the voltage of this pin reaches 6V, the overload pro-
tection triggers, which shuts down the FPS.
5
Sync
Sync. This pin is internally connected to the sync-detect comparator for quasi-resonant switch-
ing. In normal quasi-resonant operation, the threshold of the sync comparator is 1.2V/1.0V.
6Vstr
Start-up. This pin is connected directly, or through a resistor, to the high-voltage DC link. At
start-up, the internal high-voltage current source supplies internal bias and charges the exter-
nal capacitor connected to the VCC pin. Once VCC reaches 12V, the internal current source is
disabled. It is not recommended to connect Vstr and Drain together.
6. V
str
5. Sync
4. FB
3. V
CC
2. GND
1. Drain
FSQ0765R Rev.00


Similar Part No. - FSDM0765RB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0765RB FAIRCHILD-FSDM0765RB Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSDM0765RB FAIRCHILD-FSDM0765RB Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
More results

Similar Description - FSDM0765RB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RS ONSEMI-FSQ0565RS Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com