Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0565R Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSQ0565R
Description  Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0565R Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSQ0565R Datasheet HTML 4Page - Fairchild Semiconductor FSQ0565R Datasheet HTML 5Page - Fairchild Semiconductor FSQ0565R Datasheet HTML 6Page - Fairchild Semiconductor FSQ0565R Datasheet HTML 7Page - Fairchild Semiconductor FSQ0565R Datasheet HTML 8Page - Fairchild Semiconductor FSQ0565R Datasheet HTML 9Page - Fairchild Semiconductor FSQ0565R Datasheet HTML 10Page - Fairchild Semiconductor FSQ0565R Datasheet HTML 11Page - Fairchild Semiconductor FSQ0565R Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565R, FSQ0765R Rev. 1.0.0
8
Comparison Between FSDM0x65RNB and FSQ-Series
Function
FSDM0x65RE
FSQ-Series
FSQ-Series Advantages
Operation Method
Constant
Frequency PWM
Quasi-Resonant
Operation
Improved efficiency by valley switching
Reduced EMI noise
Reduced components to detect valley point
EMI Reduction
Frequency
Modulation
Reduce EMI Noise
Valley Switching
Inherent Frequency Modulation
Alternate Valley Switching
Hybrid Control
CCM or AVS
Based on Load
and Input Condition
Improves efficiency by introducing hybrid control
Burst-Mode
Operation
Burst-Mode
Operation
Advanced
Burst-Mode
Operation
Improved standby power by AVS in burst-mode
Strong Protections
OLP, OVP
OLP, OVP,
AOCP, OSP
Improved reliability through precise AOCP
Improved reliability through precise OSP
TSD
145°C without
Hysteresis
140°C with 60°C
Hysteresis
Stable and reliable TSD operation
Converter temperature range


Similar Part No. - FSQ0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RQ ONSEMI-FSQ0565RQ Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSQ0565RQLDTU FAIRCHILD-FSQ0565RQLDTU Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQLDTU FAIRCHILD-FSQ0565RQLDTU Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch
More results

Similar Description - FSQ0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RS ONSEMI-FSQ0565RS Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com