Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDP410D Datasheet(PDF) 1 Page - AUK corp

Part # SDP410D
Description  Band switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDP410D Datasheet(HTML) 1 Page - AUK corp

  SDP410D_1 Datasheet HTML 1Page - AUK corp SDP410D_1 Datasheet HTML 2Page - AUK corp SDP410D_1 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSD-C003-000
1
SDP410D
Band switching Diode
Features
• VHF tuner band switch applications.
• Low Series Resistance : rS = 0.9Ω (Max.)
Small Total Capacitance : CT = 1.2pF(Max.)
Ordering Information
Type No.
Marking
Package Code
SDP410D
B2
SOD-323
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Anode
2. Cathode
2.5±0.1
1.7±0.1
CATHODE MARK
0.2 Min.
2
1
1
2


Similar Part No. - SDP410D_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP410D AUK-SDP410D Datasheet
148Kb / 3P
   Band switching Diode
logo
SEMTECH ELECTRONICS LTD...
SDP410D SEMTECH_ELEC-SDP410D Datasheet
248Kb / 3P
   BAND SWITCHING DIODE
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
   Band switching Diode
More results

Similar Description - SDP410D_1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
   Band-switching diode
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
   Band-switching diode
1998 May 08
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
   Band-switching diode
Rev. 04-8 January 2008
logo
Rohm
DAN235ETL ROHM-DAN235ETL Datasheet
321Kb / 6P
   Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
   Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
   Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
   Band Switching Diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
   Band switching diode
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
   BAND SWITCHING DIODE
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
   Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS277WT SEMTECH_ELEC-1SS277WT_11 Datasheet
504Kb / 3P
   BAND SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com