Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F479PMC1-GE1 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB91F479PMC1-GE1
Description  32-bit Microcontrollers
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F479PMC1-GE1 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB91F479PMC1-GE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB91F479PMC1-GE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB91F479PMC1-GE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB91F479PMC1-GE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB91F479PMC1-GE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB91F479PMC1-GE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB91F479PMC1-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB91F479PMC1-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB91F479PMC1-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
DS07-16901-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2006-2007 FUJITSU LIMITED All rights reserved
“Check Sheet” is seen at the following support page
URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
32-bit Microcontrollers
CMOS
FR60 MB91470/480 Series
MB91482/F475/F478/F479/F487/
MB91FV470
■ DESCRIPTION
The MB91470/480 series is Fujitsu's general-purpose 32-bit RISC microcontroller, which is designed for
embedded control applications that require high-speed processing performance.
This series uses the FR60 CPU, which is compatible with the FR* family of CPUs.
* : FR, the abbreviation of FUJITSU RISC controller, is a line of products of FUJITSU Limited.
■ FEATURES
• FR60 CPU
• 32-bit RISC, load/store architecture, five-stage pipeline
• Operating frequency of 80 MHz (PLL clock multiplied)
• 16-bit fixed-length instructions (basic instructions)
• Instruction execution speed : one instruction per cycle
• Memory-to-memory transfer, bit processing, barrel shift instructions, etc. :
instructions suitable for embedded applications
• Function entry and exit instructions, multi load/store instructions of register contents :
instructions compatible with C language.
• Register interlock function to facilitate assembly-language coding
• Built-in multiplier/instruction-level support
• Signed 32-bit multiplication : 5 cycles
• Signed 16-bit multiplication : 3 cycles
• Interrupts (save PC and PS) : 6 cycles, 16 priority levels
• Harvard architecture allowing program access and data access to be executed simultaneously
• Instructions compatible with the FR family
(Continued)


Similar Part No. - MB91F479PMC1-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F479PMC1-GE1 FUJITSU-MB91F479PMC1-GE1 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
More results

Similar Description - MB91F479PMC1-GE1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
   32-bit Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
   32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
   32-bit microcontrollers
logo
Fujitsu Component Limit...
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
   32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
   32-bit Secure Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com