Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXR-505E-915S600TR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MXR-505E-915S600TR
Description  UHF FM TRANSCEIVER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXR-505E-915S600TR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MXR-505E-915S600TR Datasheet HTML 1Page - List of Unclassifed Manufacturers MXR-505E-915S600TR Datasheet HTML 2Page - List of Unclassifed Manufacturers MXR-505E-915S600TR Datasheet HTML 3Page - List of Unclassifed Manufacturers MXR-505E-915S600TR Datasheet HTML 4Page - List of Unclassifed Manufacturers MXR-505E-915S600TR Datasheet HTML 5Page - List of Unclassifed Manufacturers MXR-505E-915S600TR Datasheet HTML 6Page - List of Unclassifed Manufacturers MXR-505E-915S600TR Datasheet HTML 7Page - List of Unclassifed Manufacturers MXR-505E-915S600TR Datasheet HTML 8Page - List of Unclassifed Manufacturers MXR-505E-915S600TR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MXR-505
UHF FM TRANSCEIVER MODULE
-Page 4-
Mechanical and Pin Diagram
Pin Num Pin Name
Description
Pin Num Pin Name
Description
Pin 1
Ant
RF Input/Output (50 Ohms)
Pin 13
URXD
Receive Data Out—UART mode (0-2.5V)
Pin 2
Gnd
Ground
Pin 14
UTXD
Transmit Data Out—UART mode (0-2.5V)
Pin 3
Gnd
Ground
Pin 15
RSSI
Receive Signal Strength Indicator (0-2.5V)
Pin 4
Gnd
Ground
Pin 16
DATAIXO
Data Input/Output (0-2.5V)
Pin 5
Gnd
Ground
Pin 17
DATACLK
Data Clock Output (0-2.5V)
Pin 6
Gnd
Ground
Pin 18
N/C
No Connect
Pin 7
TCK
No Connect
Pin 19
N/C
No Connect
Pin 8
TMS
No Connect
Pin 20
N/C
No Connect
Pin 9
TDI
No Connect
Pin 21
N/C
No Connect
Pin 10
TDO
No Connect
Pin 22
REG-EN
Regulator Enable (2-VCC)
Pin 11
TEST
No Connect
Pin 23
+2.5V
Regulated Output (2.5V)
Pin 12
RST/NMI
No Connect
Pin 24
+VIN
Positive Supply Pin (2.6-16V)
Pin Description
PRELIMINARY
* Note: Pinouts of surface mount and through-hole packages are mirrored
Surface Mount Package


Similar Part No. - MXR-505E-915S600TR

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MXR-8P-8P HIROSE-MXR-8P-8P Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8P-T01 HIROSE-MXR-8P-T01 Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8PA-3PA HIROSE-MXR-8PA-3PA Datasheet
391Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA01 HIROSE-MXR-8PA-3PA01 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA02 HIROSE-MXR-8PA-3PA02 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
More results

Similar Description - MXR-505E-915S600TR

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3H RADIOMETRIX-BIM3H Datasheet
307Kb / 7P
   UHF FM 400mW transceiver module
BIM3H RADIOMETRIX-BIM3H_12 Datasheet
441Kb / 8P
   UHF FM 400mW transceiver module
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
logo
Toshiba Semiconductor
S-AU50L TOSHIBA-S-AU50L Datasheet
137Kb / 3P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
S-AU50H TOSHIBA-S-AU50H Datasheet
134Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Toshiba Semiconductor
S-AU94 TOSHIBA-S-AU94 Datasheet
219Kb / 4P
   RF POWER AMPLIFIER MODULE UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com