Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXR-505RL-915S14400RATB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MXR-505RL-915S14400RATB
Description  UHF FM TRANSCEIVER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXR-505RL-915S14400RATB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MXR-505RL-915S14400RATB Datasheet HTML 2Page - List of Unclassifed Manufacturers MXR-505RL-915S14400RATB Datasheet HTML 3Page - List of Unclassifed Manufacturers MXR-505RL-915S14400RATB Datasheet HTML 4Page - List of Unclassifed Manufacturers MXR-505RL-915S14400RATB Datasheet HTML 5Page - List of Unclassifed Manufacturers MXR-505RL-915S14400RATB Datasheet HTML 6Page - List of Unclassifed Manufacturers MXR-505RL-915S14400RATB Datasheet HTML 7Page - List of Unclassifed Manufacturers MXR-505RL-915S14400RATB Datasheet HTML 8Page - List of Unclassifed Manufacturers MXR-505RL-915S14400RATB Datasheet HTML 9Page - List of Unclassifed Manufacturers MXR-505RL-915S14400RATB Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Adjacent Channel Rejection
200kHz spacing
500kHz spacing
1MHz spacing
Blocking
±1MHz
±2MHz
±5MHz
±10MHz
42
47
38
41
dB
dB
dB
dB
Noise Figure, Cascade
TBD
dB
1dB Compression
-35
dB
Input IP3
2 tones with 1MHz separation
-25
dBm
Input IP2
dBm
LO Leakage
-90
dBm
Spurious Emission
< 1GHz
> 1GHz
-54
-54
dBm
dBm
Input Impedance
50
Ohms
Input Reflection (s11)
-20
-15
dB
RSSI Dynamic Range
50
dB
RSSI Output Voltage
Pin = 100dBm
Pin = 60dBm
0.9
1.85
V
V
Digital Inputs/Outputs
Logic Input High
0.7VCC
VCC
V
Logic Input Low
0
0.3VCC
V
Clock/Data Frequency
10
MHz
Clock/Data Duty Cycle
45
55
%
Regulator Enable Input
Input Low Voltage
Regulator OFF
0.6
V
Input High Voltage
Regulator ON
2.0
V
Enable Input Current
VEN = 0.6V; Regulator OFF
0.01
µA
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with
100pF.
-Page 7-
MXR-505
UHF FM TRANSCEIVER MODULE
PRELIMINAR
Y
Receive Section
Rx Current Consumption
19.7
mA
Rx Current Consumption Variation
Over temperature
mA
Receiver Sensitivity
-90
-94
dBm
Receiver Maximum Input Power
125kbps, 125kHz deviation
20kbps, 20kHz deviation
dBm
dBm
Receiver Sensitivity Tolerance
Over temperature
Over power supply range
dB
dB
Receiver Bandwidth
kHz
Co-Channel Rejection
dB
Electrical Characteristics - CONT.


Similar Part No. - MXR-505RL-915S14400RATB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MXR-8P-8P HIROSE-MXR-8P-8P Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8P-T01 HIROSE-MXR-8P-T01 Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8PA-3PA HIROSE-MXR-8PA-3PA Datasheet
391Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA01 HIROSE-MXR-8PA-3PA01 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA02 HIROSE-MXR-8PA-3PA02 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
More results

Similar Description - MXR-505RL-915S14400RATB

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3H RADIOMETRIX-BIM3H Datasheet
307Kb / 7P
   UHF FM 400mW transceiver module
BIM3H RADIOMETRIX-BIM3H_12 Datasheet
441Kb / 8P
   UHF FM 400mW transceiver module
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
logo
Toshiba Semiconductor
S-AU50L TOSHIBA-S-AU50L Datasheet
137Kb / 3P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
S-AU50H TOSHIBA-S-AU50H Datasheet
134Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Toshiba Semiconductor
S-AU94 TOSHIBA-S-AU94 Datasheet
219Kb / 4P
   RF POWER AMPLIFIER MODULE UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com