Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F479 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB91F479
Description  32-bit Microcontrollers
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F479 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB91F479 Datasheet HTML 1Page - Fujitsu Component Limited. MB91F479 Datasheet HTML 2Page - Fujitsu Component Limited. MB91F479 Datasheet HTML 3Page - Fujitsu Component Limited. MB91F479 Datasheet HTML 4Page - Fujitsu Component Limited. MB91F479 Datasheet HTML 5Page - Fujitsu Component Limited. MB91F479 Datasheet HTML 6Page - Fujitsu Component Limited. MB91F479 Datasheet HTML 7Page - Fujitsu Component Limited. MB91F479 Datasheet HTML 8Page - Fujitsu Component Limited. MB91F479 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
MB91470/480 Series
3
(Continued)
• 12-bit A/D Converter (successive approximation type)
• Resolution
: 12 bits
• Conversion Time : 2.0 µs (minimum conversion time for 33 MHz system clock)
2.2
µs (minimum conversion time for 40 MHz system clock)
• Differential input mode is available.
• Clock monitor
• Peripheral clock (CLKP) divided by 2/4/8/16/32/64/128/256 can be output.
• Multiplication and Addition Calculator
• RAM : Instruction RAM (I-RAM)
256
× 16-bit
Factor RAM (X-RAM)
64
× 32-bit
Variable RAM (Y-RAM)
64
× 32-bit
• High-speed multiplication and addition (seven-stage pipeline processing)
• Product addition (32-bit × 32-bit + 72-bit)
• Operation result is extracted rounded from 72 bits to 32 bits or 72-bit result data reading.
• DMAC (DMA Controller)
• Transfers can be started by software or by interrupts from the built-in peripherals.
• Wild register
• Instructions or data located at a target address can be replaced (in the built-in Flash/ROM area only) .
• External bus interface
• Maximum operating frequency of 40 MHz
• 16-bit address full output (64 Kbytes space) capability
• 8/16-bit data output
• Use of unused data/address pins as general-purpose I/O ports
• Totally independent 3-area chip select outputs that can be set at minimum of 64 Kbytes.
• Support of interface for various memory (SRAM, ROM/Flash)
• Basic bus cycle : 2 cycles
• Automatic wait cycle generator that can be programmed for each area and can insert waits
• External wait cycle using RDY input
• Other Features
• Watchdog timer
• Low-power consumption modes
• Sleep/stop function
• CMOS technologies : 0.18
µm
• Power supply : Single power supply (VCC
= 4.0 V to 5.5 V)
* : Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these
components in an I2C system provided that the system conforms to the I2C Standard Specification as defined
by Philips.


Similar Part No. - MB91F479

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F479 FUJITSU-MB91F479 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB91F479BGL-GE1 FUJITSU-MB91F479BGL-GE1 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB91F479PMC1-GE1 FUJITSU-MB91F479PMC1-GE1 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
More results

Similar Description - MB91F479

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
   32-bit Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
   32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
   32-bit microcontrollers
logo
Fujitsu Component Limit...
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
   32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
   32-bit Secure Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com