Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F278PMC Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB91F278PMC
Description  32-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F278PMC Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB91F278PMC Datasheet HTML 6Page - Fujitsu Component Limited. MB91F278PMC Datasheet HTML 7Page - Fujitsu Component Limited. MB91F278PMC Datasheet HTML 8Page - Fujitsu Component Limited. MB91F278PMC Datasheet HTML 9Page - Fujitsu Component Limited. MB91F278PMC Datasheet HTML 10Page - Fujitsu Component Limited. MB91F278PMC Datasheet HTML 11Page - Fujitsu Component Limited. MB91F278PMC Datasheet HTML 12Page - Fujitsu Component Limited. MB91F278PMC Datasheet HTML 13Page - Fujitsu Component Limited. MB91F278PMC Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
MB91270 Series
10
* : Refer to “
■ I/O CIRCUIT TYPE” for the I/O circuit type.
(Continued)
Pin No.
Pin name
Function
name
I/O circuit
type*
Function
98
P23/A19/
PPGF
P23
A
General-purpose I/O port.
This function is enabled in single-chip mode.
A19
External address bus output pin bit 19
This function is enabled when the external bus is enabled.
PPGF
Output pin for PPGF
99, 100,
1, 2
P24/A20/IN0
to
P27/A23/IN3
P24 to P27
A
General-purpose I/O port.
This function is enabled in single-chip mode.
A20 to A23
External address bus output pins bits 20 to 23
This function is enabled when the external bus is enabled.
IN0 to IN3
Data sample input pins for input capture ICU0 to ICU3
Port 3
3P30/AS/IN4
P30
A
General-purpose I/O port.
This function is enabled in single-chip mode.
AS
External address strobe output pin
This function is enabled when the external bus is enabled.
IN4
Data sample input pin for input capture ICU4
4
P31/RD/IN5
P31
A
General-purpose I/O port.
This function is enabled in single-chip mode.
RD
External read strobe output pin
This function is enabled when the external bus is enabled.
IN5
Data sample input pin for input capture ICU5
5
P32/WR0/
RX2/
INT10R
P32
A
General-purpose I/O port.
This function is enabled in single-chip mode.
WR0
External data bus write strobe output pin. Enabled when the
external bus is enabled.
WR0 is used as the data write strobe for 8-bit access and as
the upper 8 bits of the data in 16-bit access.
RX2
CAN2 RX input pin (MB91V280 only)
INT10R
External interrupt request 10 input pin (Set by EISSR)
6
P33/WR1/
TX2
P33
A
General-purpose I/O port.
This function is enabled in single-chip mode.
WR1
Write strobe output pin for lower 8 bits in external data bus
Enabled when the external bus is enabled and external bus
16-bit mode is selected.
TX2
CAN2 TX output pin (MB91V280 only)


Similar Part No. - MB91F278PMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F211 FUJITSU-MB91F211 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F211PMC-GSE1 FUJITSU-MB91F211PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F213 FUJITSU-MB91F213 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F213PMC-GSE1 FUJITSU-MB91F213PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91F223 FUJITSU-MB91F223 Datasheet
943Kb / 88P
   32-bit Microcontroller
More results

Similar Description - MB91F278PMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com