Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91220S Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB91220S
Description  32-bit Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91220S Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB91220S Datasheet HTML 4Page - Fujitsu Component Limited. MB91220S Datasheet HTML 5Page - Fujitsu Component Limited. MB91220S Datasheet HTML 6Page - Fujitsu Component Limited. MB91220S Datasheet HTML 7Page - Fujitsu Component Limited. MB91220S Datasheet HTML 8Page - Fujitsu Component Limited. MB91220S Datasheet HTML 9Page - Fujitsu Component Limited. MB91220S Datasheet HTML 10Page - Fujitsu Component Limited. MB91220S Datasheet HTML 11Page - Fujitsu Component Limited. MB91220S Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
MB91220/S Series
8
(Continued)
Pin No.
Pin name
I/O
circuit
type*
Function
123
P51
I
General-purpose I/O port: Valid when the data output specification is
prohibited on LIN-UART2.
SOT4
LIN-UART2 data output: Valid when the data output specification is
permitted on LIN-UART2.
CS1X
Chip select 1 output: Valid when the output specification is permitted on
chip select 1.
124
P52
I
General-purpose I/O port: Valid when clock output is prohibited on
LIN-UART2.
SCK4
LIN-UART2 clock input/output: Valid when the clock output specification is
permitted on LIN-UART2.
CS2X
Chip select 2 output: Valid when the output specification is permitted on
chip select 2.
125
P53
M
General-purpose I/O port: Valid when the data input specification is
prohibited on LIN-UART3.
SIN5
LIN-UART3 data input. Because this input is used as necessary while LIN-
UART3 is used for input operation, the port output needs to be disabled
except when it is used intentionally.
CK1
External clock input for free-run timer 1
CS3X
Chip select 3 output: Valid when the output specification is permitted on
chip select 3.
130
P54
I
General-purpose I/O port: Valid when data output specification is
prohibited on LIN-UART3.
SOT5
LIN-UART3 data output: Valid when the data output specification is
permitted on LIN-UART3.
RDX
External bus read strobe output: Valid at the external bus mode.
131
P55
I
General-purpose I/O port: Valid when clock output is prohibited on
LIN-UART3.
SCK5
LIN-UART3 clock input/output: Valid when the clock output specification is
permitted on LIN-UART3.
WR0X
External bus write strobe output: Valid when the WR0X output is permitted
at the external bus mode.
132
P56
I
General-purpose I/O port
OUT0
Output compare output
WR1X
External bus write strobe output: Valid when the WR1X output is permitted
at the external bus mode.
133
P57
J
General-purpose I/O port
OUT1
Output compare output
RDY
External ready input: Valid when the external ready input specification is
permitted.


Similar Part No. - MB91220S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91210 FUJITSU-MB91210 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91213 FUJITSU-MB91213 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91213PMC-GSE1 FUJITSU-MB91213PMC-GSE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91233L FUJITSU-MB91233L Datasheet
861Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91220S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com