Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F314PMC-GE1 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB91F314PMC-GE1
Description  32-bit Microcontroller
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F314PMC-GE1 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB91F314PMC-GE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB91F314PMC-GE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB91F314PMC-GE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB91F314PMC-GE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB91F314PMC-GE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB91F314PMC-GE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB91F314PMC-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB91F314PMC-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB91F314PMC-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
MB91314A Series
2
• Interrupt (PC, PS save) : 6 cycles, 16 priority levels
• Harvard architecture allowing program access and data access to be executed simultaneously
• Instruction prefetch feature added by a 4-word queue in the CPU
• Instruction set compatible with FR family
2.
Simple External Bus interface
Capable of functioning 8-bit or 16-bit multiplex bus by setting with program
• Operating frequency : Max 16.5 MHz
• 8/16-bit data/address multiplex I/O
• Capable of chip-select signal output for completely independent four areas settable in 64 Kbytes minimum
• Basic bus cycle : 2 cycles
• Programmable automatic wait cycle generator capable of inserting wait cycles for each area
3.
Internal Memory
MB91314A : 256 Kbytes Mask ROM, RAM 32 Kbytes
MB91F314 : 512 Kbytes Flash, RAM 32 Kbytes
4.
DMAC (DMA Controller)
• 5 channels
• Two forwarding factors (internal peripheral/software)
• Addressing mode 20/24-bit address selection (increment/decrement/fixed)
• Transfer modes (burst transfer/step transfer/block transfer)
• Selectable transfer data size : 8, 16, or 32 bits
5.
Bit Search Module (for REALOS)
Search for the position of the bit 1/0-changed first in one word from the MSB
6.
Reload Timer (Including 1 Channel for REALOS)
• 16-bit timer ch.6
• The internal clock is optional from 2/8/32 division
7.
Multi function Serial Interface
• 11 channels
• Full duplex double buffer
• Capable of selecting communication mode : asynchronous (Start-Stop synchronous) communication,
clock synchronous communication (8.25 Mbps Max), I2C* standard mode (100 kbps Max),
high-speed mode (400 kbps Max)
• Parity on/off selectable
• Baud rate generator per channel
• Abundant error detection functions are provided (parity, frame, and overrun)
• External clock can be used as transfer clock
• Ch.0 to ch.2 correspond to DMA transfer.
• Ch.0 to ch.2 have a pair of 16 bytes FIFO buffers for transmission and reception.
•I2C bridge feature (among channels 0, 1, and 2)
• SPI mode
(Continued)


Similar Part No. - MB91F314PMC-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F312A FUJITSU-MB91F312A Datasheet
599Kb / 59P
   Proprietary 32-bit Microcontroller CMOS
MB91F312A FUJITSU-MB91F312A Datasheet
551Kb / 59P
   Proprietary 32-bit Microcontroller
MB91F312APFV-1XX-BND-E1 FUJITSU-MB91F312APFV-1XX-BND-E1 Datasheet
551Kb / 59P
   Proprietary 32-bit Microcontroller
MB91F313 FUJITSU-MB91F313 Datasheet
815Kb / 71P
   32-bit Microcontroller
MB91F318A FUJITSU-MB91F318A Datasheet
735Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91F314PMC-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com