Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91314APMC-GE1 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB91314APMC-GE1
Description  32-bit Microcontroller
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91314APMC-GE1 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB91314APMC-GE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB91314APMC-GE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB91314APMC-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB91314APMC-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB91314APMC-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB91314APMC-GE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB91314APMC-GE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB91314APMC-GE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB91314APMC-GE1 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
MB91314A Series
9
(Continued)
Pin no.
Pin name
I/O circuit type*
Description
54
PE1
L
General-purpose I/O port
AN9
A/D converter analog input pin
PPG0
Output pin for PPG
INT1
External interrupt request input pin
55
PE2
B
General-purpose I/O port
PPG1
Output pin for PPG
INT2
External interrupt request input pin
ATRG
Trigger input pin for A/D converter
56
PE3
B
General-purpose I/O port
PPG2
Output pin for PPG
INT3
External interrupt request input pin
57
VDDE
3.3 V power supply
58
INIT
G
Initial reset pin
59
X0A
A
Sub clock input
60
X1A
A
Sub clock I/O
61
VSS
Ground pin
62
X1
A
Main clock I/O
63
X0
A
Main clock input
64
VDDI
1.8 V power supply
65
MD0
F
Input pins for specifying the operating mode
66
MD1
F
67
MD2
F
68
PE4
B
General-purpose I/O port
PPG3
Output pin for PPG
INT4
External interrupt request input pin
69
PE5
B
General-purpose I/O port
SIN8
Multi function serial 8 serial data input pin
INT5
External interrupt request input pin
70
PE6
B
General-purpose I/O port
SOT8/SDA8
Multi function serial 8 serial data output pin
I2C data I/O pin
INT6
External interrupt request input pin
71
PE7
B
General-purpose I/O port
SCK8/SCL8
Multi function serial 8 serial communication clock I/O pin
I2C clock I/O pin
INT7
External interrupt request input pin
72
PC0
B
General-purpose I/O port
SIN9
Multi function serial 9 serial data input pin


Similar Part No. - MB91314APMC-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91310 FUJITSU-MB91310 Datasheet
551Kb / 59P
   Proprietary 32-bit Microcontroller
MB91316 FUJITSU-MB91316 Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91316A FUJITSU-MB91316A Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91316APMC-G-XXXE1 FUJITSU-MB91316APMC-G-XXXE1 Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91316PMC-G-XXXE1 FUJITSU-MB91316PMC-G-XXXE1 Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91314APMC-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com