Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91V280 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB91V280
Description  32-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91V280 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB91V280 Datasheet HTML 1Page - Fujitsu Component Limited. MB91V280 Datasheet HTML 2Page - Fujitsu Component Limited. MB91V280 Datasheet HTML 3Page - Fujitsu Component Limited. MB91V280 Datasheet HTML 4Page - Fujitsu Component Limited. MB91V280 Datasheet HTML 5Page - Fujitsu Component Limited. MB91V280 Datasheet HTML 6Page - Fujitsu Component Limited. MB91V280 Datasheet HTML 7Page - Fujitsu Component Limited. MB91V280 Datasheet HTML 8Page - Fujitsu Component Limited. MB91V280 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
MB91270 Series
2
• Register interlock functions:
Easier assembler coding enabled
• Built-in multiplier supported at the instruction level
Signed 32-bit multiplication: 5 cycles
Signed 16-bit multiplication: 3 cycles
• Interrupt (PC, PS save): 6 cycles, 16 priority levels
• Harvard architecture allowing program access and data access to be executed simultaneously
• Instruction compatible with FR family
• External bus interface
• Maximum operating frequency: 16 MHz
• Can output full 24-bit address range (16 Mbyte space)
• 8,16-bit data output
• Unused data/address pin can be used as general-purpose I/O ports.
• Capable of chip select output for completely independent four areas settable in 64 Kbytes minimum.
• Supports the following memory interfaces
SRAM, ROM/Flash
• Basic bus cycle: 2 cycles
• Programmable automatic wait cycle generation function capable of inserting wait cycles for each area
• RDY input for external wait cycles
• Built-in memory
The peripheral circuits are described below.
Refer to “
■PRODUCT LINEUP” for the number of available channels on each model.
• DMAC (DMA Controller)
• Capable of simultaneous operation of up to five channels
• Two forwarding factors (internal peripheral/software)
• Bit search module (for REALOS)
Search for the first position of the bit “1”/ “0” changed in one word from the MSB
• LIN UARTs (LIN-UART) : Up to 7 channels
• Asynchronous (start-stop synchronous) communications, clock synchronous communications
• Synch-Break detection
• Built-in baud rate generator on each channel
• Supports SPI (mode 2: Clock synchronous communication mode)
• CAN CONTROLLERS : 3 channels (Max)
• High-speed transfer : 1 Mbps
• 32 message buffer (128 message buffer on the MB91V280)
(Continued)
MB91V280
MB91F273 (S)
MB91F278 (S)
ROM/Flash
External SRAM
Flash 512 Kbytes
Flash 512 Kbytes
F-bus RAM
48 Kbytes
24 Kbytes
24 Kbytes


Similar Part No. - MB91V280

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91V210 FUJITSU-MB91V210 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91V210PB-ESE1 FUJITSU-MB91V210PB-ESE1 Datasheet
939Kb / 68P
   32-bit Proprietary Microcontroller
MB91V220 FUJITSU-MB91V220 Datasheet
943Kb / 88P
   32-bit Microcontroller
MB91V220ACR-ES FUJITSU-MB91V220ACR-ES Datasheet
943Kb / 88P
   32-bit Microcontroller
MB91V230 FUJITSU-MB91V230 Datasheet
298Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91V280

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com