Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F318RPMC-GXXX-XXXXE1 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB91F318RPMC-GXXX-XXXXE1
Description  32-bit Proprietary Microcontrollers
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F318RPMC-GXXX-XXXXE1 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB91F318RPMC-GXXX-XXXXE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB91F318RPMC-GXXX-XXXXE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB91F318RPMC-GXXX-XXXXE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB91F318RPMC-GXXX-XXXXE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB91F318RPMC-GXXX-XXXXE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB91F318RPMC-GXXX-XXXXE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB91F318RPMC-GXXX-XXXXE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB91F318RPMC-GXXX-XXXXE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB91F318RPMC-GXXX-XXXXE1 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
MB91319R Series
9
(Continued)
Pin No.
Pin Name
I/O Circuit type*
Function
82
P86
C
General-purpose port
SCK0
UART0 clock input/output
83
P87
C
General-purpose port
SI1
UART1 serial input
84
P90
C
General-purpose port
SO1
UART1 serial output
85
P91
C
General-purpose port
SCK1
UART1 clock input/output
86
P92
C
General-purpose port
RIN
PWC input
87
P93
C
General-purpose port
TMI0
Multi-functional timer 0 input
88
P94
C
General-purpose port
TMI1
Multi-functional timer 1 input
89
P95
C
General-purpose port
TMI2
Multi-functional timer 2 input
90
P96
C
General-purpose port
TMI3
Multi-functional timer 3 input
91
P97
O
General-purpose port
INT0
External interrupt input 0
92
VDDE
3.3 V power supply
93
X0A
A
32 kHz oscillation pin
94
VSS
Ground
95
X1A
A
32 kHz oscillation pin
96
VDDI
Internal logic power supply
97
PA0
O
General-purpose port
INT1
External interrupt input 1
98
PA1
O
General-purpose port
INT2
External interrupt input 2
99
PA2
O
General-purpose port
INT3
External interrupt input 3
100
NMI
BNMI input
101
P33
C
General-purpose port
TRG0
PPG0 trigger input


Similar Part No. - MB91F318RPMC-GXXX-XXXXE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F318A FUJITSU-MB91F318A Datasheet
735Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91F318RPMC-GXXX-XXXXE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com