Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F318S Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB91F318S
Description  32-bit Proprietary Microcontrollers
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F318S Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB91F318S Datasheet HTML 3Page - Fujitsu Component Limited. MB91F318S Datasheet HTML 4Page - Fujitsu Component Limited. MB91F318S Datasheet HTML 5Page - Fujitsu Component Limited. MB91F318S Datasheet HTML 6Page - Fujitsu Component Limited. MB91F318S Datasheet HTML 7Page - Fujitsu Component Limited. MB91F318S Datasheet HTML 8Page - Fujitsu Component Limited. MB91F318S Datasheet HTML 9Page - Fujitsu Component Limited. MB91F318S Datasheet HTML 10Page - Fujitsu Component Limited. MB91F318S Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
MB91319R Series
7
(Continued)
Pin No.
Pin Name
I/O Circuit type*
Function
36
AVSS/AVRL
A/D ground
37
PC0
E
General-purpose port
AN0
Analog input
38
PC1
E
General-purpose port
AN1
Analog input
39
PC2
E
General-purpose port
AN2
Analog input
40
PC3
E
General-purpose port
AN3
Analog input
41
PC4
E
General-purpose port
AN4
Analog input
42
PC5
E
General-purpose port
AN5
Analog input
43
PC6
E
General-purpose port
AN6
Analog input
44
PC7
E
General-purpose port
AN7
Analog input
45
P20
E
General-purpose port
AN8
Analog input
46
P21
E
General-purpose port
AN9
Analog input
47
P22
C
General-purpose port
48
P23
C
General-purpose port
49
P24
C
General-purpose port
50
P25
C
General-purpose port
51
P26
C
General-purpose port
52
P27
C
General-purpose port
53
P30
C
General-purpose port
54
P31
C
General-purpose port
55
P32
C
General-purpose port
56
VDDE
3.3 V power supply
57
X0
A
10 MHz oscillation pin
58
VSS
Ground
59
X1
A
10 MHz oscillation pin
60
VDDI
Internal logic power supply


Similar Part No. - MB91F318S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F318A FUJITSU-MB91F318A Datasheet
735Kb / 66P
   32-bit Microcontroller
More results

Similar Description - MB91F318S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com