Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91FV319APMT-ES Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB91FV319APMT-ES
Description  32-bit Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91FV319APMT-ES Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB91FV319APMT-ES Datasheet HTML 4Page - Fujitsu Component Limited. MB91FV319APMT-ES Datasheet HTML 5Page - Fujitsu Component Limited. MB91FV319APMT-ES Datasheet HTML 6Page - Fujitsu Component Limited. MB91FV319APMT-ES Datasheet HTML 7Page - Fujitsu Component Limited. MB91FV319APMT-ES Datasheet HTML 8Page - Fujitsu Component Limited. MB91FV319APMT-ES Datasheet HTML 9Page - Fujitsu Component Limited. MB91FV319APMT-ES Datasheet HTML 10Page - Fujitsu Component Limited. MB91FV319APMT-ES Datasheet HTML 11Page - Fujitsu Component Limited. MB91FV319APMT-ES Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
MB91319 Series
8
(Continued)
Pin No.
Pin Name
Circuit type
Function
62
ICLK
M
DSU clock (In MB91F318A, this pin is the open pin so do not
connect with other pins.)
63
IBREAK
L
DSU break (In MB91F318A, this pin is the open pin so do not
connect with other pins.)
64
ICS0
O
DSU status (In MB91F318A, this pin is the open pin so do not
connect with other pins.)
65
ICS1
O
DSU status (In MB91F318A, this pin is the open pin so do not
connect with other pins.)
66
ICS2
O
DSU status (In MB91F318A, this pin is the open pin so do not
connect with other pins.)
67
ICD0
P
DSU data (In MB91F318A, this pin is the open pin so do not
connect with other pins.)
68
ICD1
P
DSU data (In MB91F318A, this pin is the open pin so do not
connect with other pins.)
69
ICD2
P
DSU data (In MB91F318A, this pin is the open pin so do not
connect with other pins.)
70
ICD3
P
DSU data (In MB91F318A, this pin is the open pin so do not
connect with other pins.)
71
MD0
F
Mode pin
72
MD1
F
Mode pin
73
MD2
F
Mode pin
74
MD3
L
Mode pin
75
INIT
B
Initial (reset) pin
76
P80
J
General-purpose port
SCL0
I2C clock pin
77
P81
J
General-purpose port
SDA0
I2C data pin
78
P82
J
General-purpose port
SCL1
I2C clock pin
79
P83
J
General-purpose port
SDA1
I2C data pin
80
P84
C
General-purpose port
SI0
UART0 serial input
81
P85
C
General-purpose port
SO0
UART0 serial output
82
P86
C
General-purpose port
SCK0
UART0 clock input/output


Similar Part No. - MB91FV319APMT-ES

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91FV319R FUJITSU-MB91FV319R Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91FV319RPMC-ESE1 FUJITSU-MB91FV319RPMC-ESE1 Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91FV319APMT-ES

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com