Electronic Components Datasheet Search |
|
MB90F345EPFV Datasheet(PDF) 2 Page - Fujitsu Component Limited. |
|
MB90F345EPFV Datasheet(HTML) 2 Page - Fujitsu Component Limited. |
2 / 84 page MB90340E Series 2 ■ FEATURES • CPU • Instruction system best suited to controller - Wide choice of data types (bit, byte, word, and long word) - Wide choice of addressing modes (23 types) - Enhanced functionality with signed multiply and divide instructions and the RETI instruction - Enhanced high-precision computing with 32-bit accumulator • Instruction system compatible with high-level language (C language) and multitask - Employing system stack pointer - Various enhanced pointer indirect instructions - Barrel shift instructions • Increased processing speed - 4-byte instruction queue • Serial interface • UART (LIN/SCI) : up to 4 channels - Equipped with full-duplex double buffer - Clock-asynchronous or clock-synchronous serial transmission is available •I2C interface* : up to 2 channels (only for devices with a C suffix in the part number) - Up to 400 kbps transfer rate • Interrupt controller • Powerful 8-level, 34-condition interrupt feature • Up to 16 external interrupts are supported • Automatic data transfer function independent of CPU - Expanded intelligent I/O service function (EI2OS) : up to 16 channels • I/O ports • General-purpose input/output port (CMOS output) - 80 ports (for devices without an S suffix in the part number - i.e. devices that support the sub clock) - 82 ports (for devices with an S suffix in the part number - i.e. devices that do not support the sub clock) • 8/10-bit A/D converter • 16 channels (only for devices without a C suffix in the part number) • 24 channels (only for devices with a C suffix in the part number) • Resolution is selectable between 8-bit and 10-bit. • Activation by external trigger input is allowed. • Conversion time : 3 µs (at 24 MHz machine clock, including sampling time) • Program patch function • Detects address matches against 6 address pointers • Timer • Time-base timer, watch timer, watchdog timer : 1 channel • 8/16-bit PPG timer : 8-bit × 16 channels, or 16-bit × 8 channels • 16-bit reload timer : 4 channels • 16-bit input/output timer - 16-bit free-run timer : 2 channels (FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7) - 16-bit input capture: (ICU): 8 channels - 16-bit output compare: (OCU): 8 channels (Continued) |
Similar Part No. - MB90F345EPFV |
|
Similar Description - MB90F345EPFV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |