Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXR-505E-915D600RATB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MXR-505E-915D600RATB
Description  UHF FM TRANSCEIVER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXR-505E-915D600RATB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MXR-505E-915D600RATB Datasheet HTML 1Page - List of Unclassifed Manufacturers MXR-505E-915D600RATB Datasheet HTML 2Page - List of Unclassifed Manufacturers MXR-505E-915D600RATB Datasheet HTML 3Page - List of Unclassifed Manufacturers MXR-505E-915D600RATB Datasheet HTML 4Page - List of Unclassifed Manufacturers MXR-505E-915D600RATB Datasheet HTML 5Page - List of Unclassifed Manufacturers MXR-505E-915D600RATB Datasheet HTML 6Page - List of Unclassifed Manufacturers MXR-505E-915D600RATB Datasheet HTML 7Page - List of Unclassifed Manufacturers MXR-505E-915D600RATB Datasheet HTML 8Page - List of Unclassifed Manufacturers MXR-505E-915D600RATB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MXR-505
UHF FM TRANSCEIVER MODULE
The MXR-505 is a frequency shift keyed (FSK) high performance,
ultra compact, long range transceiver operating at the 902-928
MHz and 868.25 MHz bands. This integrated modularized trans-
ceiver is designed for use in half-duplex, bidirectional RF links.
The multi-channeled MXR-505 is intended for use in UHF radio
equipment in compliance with both the North American Federal
Communications Commission (FCC) part 15.247 and 15.249 sys-
tems and the European Telecommunications Standard Institute
(ETS) specification EN300 200.
-Page 2-
PRELIMINAR
Y
The transmitter is composed of both a PLL frequency synthesizer and a power amplifier. The synthesizer
uses a voltage-controlled crystal oscillator, a dual-modulus prescaler, programmable frequency dividers,
and a phase-detector. The power amplifier’s output power can be programmed to seven different levels.
The MXR-505 has zero IF architecture which enables channel filtering with low-power, integrated low-
pass filters. Each channel includes a pre-amplifier and a third order Sallen-Key RC low-pass filter that
protects the switched-capacitor filter from strong adjacent channel signals. The main channel filter is a
switched-capacitor implementation of a six-pole elliptic low pass filter. The cutoff frequency of the
Sallen-Key RC filter can be programmed to four different frequencies: 100kHz, 150 kHz, 230 kHz, and
340 kHz. Areceive signal strength indicator circuit indicates the received signal level. The MXR-505 is
a well-designed transceiver suitable for a variety of RF applications, particularly voice applications and
high volume OEM applications.
Key Features
Low cost
Wide supply voltage range
Wide operating temperature range
Easily integrated
Low power consumption
Compact surface-mount packages/Small Size
2.5V operation
Simple serial programming interface
Baud rate from 1200 to 200,000 bps
Spread spectrum
External reset pin
Exceptional sensitivity: -111dBm
Receive signal stength (RSSI) pin
No production tuning
TypicalApplications
Remote controls
Garage openers / Gate controls
Keyless entry
Lighting control
Home / Industrial automation
Continuous / Periodic data transfer
Wireless networking
Remote access
Remote monitoring / Telemetry
Medical monitoring / Call systems
Guard patrol / Lone worker protection
Domestic / Commercial security
Fire / Security alarms
Long-range RFID
Automated meter reading
Contact Information
Radios, Inc.
1408 Center Avenue
Oostburg, WI 53070
Phone: 920-564-6622
Fax: 920-564-6630
Email: sales@radiosinc.com


Similar Part No. - MXR-505E-915D600RATB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MXR-8P-8P HIROSE-MXR-8P-8P Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8P-T01 HIROSE-MXR-8P-T01 Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8PA-3PA HIROSE-MXR-8PA-3PA Datasheet
391Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA01 HIROSE-MXR-8PA-3PA01 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA02 HIROSE-MXR-8PA-3PA02 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
More results

Similar Description - MXR-505E-915D600RATB

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3H RADIOMETRIX-BIM3H Datasheet
307Kb / 7P
   UHF FM 400mW transceiver module
BIM3H RADIOMETRIX-BIM3H_12 Datasheet
441Kb / 8P
   UHF FM 400mW transceiver module
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
logo
Toshiba Semiconductor
S-AU50L TOSHIBA-S-AU50L Datasheet
137Kb / 3P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
S-AU50H TOSHIBA-S-AU50H Datasheet
134Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Toshiba Semiconductor
S-AU94 TOSHIBA-S-AU94 Datasheet
219Kb / 4P
   RF POWER AMPLIFIER MODULE UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com