Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F357BPMT Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB91F357BPMT
Description  32-bit Microcontroller
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F357BPMT Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB91F357BPMT Datasheet HTML 7Page - Fujitsu Component Limited. MB91F357BPMT Datasheet HTML 8Page - Fujitsu Component Limited. MB91F357BPMT Datasheet HTML 9Page - Fujitsu Component Limited. MB91F357BPMT Datasheet HTML 10Page - Fujitsu Component Limited. MB91F357BPMT Datasheet HTML 11Page - Fujitsu Component Limited. MB91F357BPMT Datasheet HTML 12Page - Fujitsu Component Limited. MB91F357BPMT Datasheet HTML 13Page - Fujitsu Component Limited. MB91F357BPMT Datasheet HTML 14Page - Fujitsu Component Limited. MB91F357BPMT Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 139 page
background image
MB91350A Series
11
(Continued)
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP*1
LQFP*2
94
42
SDA
F
DATA I/O pin for the I2C bus.
This pin is valid when standard mode I2C operation is
enabled.
Output using the port must be stopped beforehand unless this
operation is intended (open drain output).
PL0
General-purpose I/O port.
This pin can be used as a port when I2C operation is disabled
(open drain output).
95
41
SCL
F
Clock I/O pin for the I2C bus.
This pin is valid when standard mode I2C operation is
enabled.
Output using the port must be stopped beforehand unless this
operation is intended (open drain output).
PL1
General-purpose I/O port.
This pin can be used as a port when I2C operation is disabled
(open drain output).
98 to 103
81 to 86
INT0 to INT5
E
External interrupt inputs.
Since these inputs are always used when the corresponding
external interrupts are enabled, output using the ports must
be stopped beforehand unless this operation is the intended
operation.
PK0 to PK5
General-purpose I/O ports
104
87
INT6
E
External interrupt input.
Since this input is always used when the corresponding
external interrupt is enabled, output using the port must be
stopped beforehand unless this operation is the intended
operation.
FRCK
External clock input pin for the free-run timer.
Since this input is always used when it is selected as the
external clock input for the free-run timer, output using the port
must be stopped beforehand unless this operation is the
intended operation.
PK6
General-purpose I/O port
105
88
INT7
E
External interrupt input.
Since this input is always used when the corresponding
external interrupt is enabled, output using the port must be
stopped beforehand unless this operation is the intended
operation.
ATG
External trigger for the A/D converter.
Since this input is always used when it is selected as the A/D
activation source, output using the port must be stopped
beforehand unless this operation is the intended operation.
PK7
General-purpose I/O port


Similar Part No. - MB91F357BPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F354A FUJITSU-MB91F354A Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
MB91F355A FUJITSU-MB91F355A Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
MB91F355APMT-002 FUJITSU-MB91F355APMT-002 Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
MB91F356B FUJITSU-MB91F356B Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
MB91F356BPMT FUJITSU-MB91F356BPMT Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
More results

Similar Description - MB91F357BPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com