Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F343EPF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F343EPF
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F343EPF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F343EPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F343EPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F343EPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F343EPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F343EPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F343EPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F343EPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F343EPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F343EPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
MB90340E Series
2
■ FEATURES
• CPU
• Instruction system best suited to controller
- Wide choice of data types (bit, byte, word, and long word)
- Wide choice of addressing modes (23 types)
- Enhanced functionality with signed multiply and divide instructions and the RETI instruction
- Enhanced high-precision computing with 32-bit accumulator
• Instruction system compatible with high-level language (C language) and multitask
- Employing system stack pointer
- Various enhanced pointer indirect instructions
- Barrel shift instructions
• Increased processing speed
- 4-byte instruction queue
• Serial interface
• UART (LIN/SCI) : up to 4 channels
- Equipped with full-duplex double buffer
- Clock-asynchronous or clock-synchronous serial transmission is available
•I2C interface* : up to 2 channels (only for devices with a C suffix in the part number)
- Up to 400 kbps transfer rate
• Interrupt controller
• Powerful 8-level, 34-condition interrupt feature
• Up to 16 external interrupts are supported
• Automatic data transfer function independent of CPU
- Expanded intelligent I/O service function (EI2OS) : up to 16 channels
• I/O ports
• General-purpose input/output port (CMOS output)
- 80 ports (for devices without an S suffix in the part number - i.e. devices that support the sub clock)
- 82 ports (for devices with an S suffix in the part number - i.e. devices that do not support the sub clock)
• 8/10-bit A/D converter
• 16 channels (only for devices without a C suffix in the part number)
• 24 channels (only for devices with a C suffix in the part number)
• Resolution is selectable between 8-bit and 10-bit.
• Activation by external trigger input is allowed.
• Conversion time : 3
µs (at 24 MHz machine clock, including sampling time)
• Program patch function
• Detects address matches against 6 address pointers
• Timer
• Time-base timer, watch timer, watchdog timer : 1 channel
• 8/16-bit PPG timer : 8-bit
× 16 channels, or 16-bit × 8 channels
• 16-bit reload timer : 4 channels
• 16-bit input/output timer
- 16-bit free-run timer : 2 channels
(FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7)
- 16-bit input capture: (ICU): 8 channels
- 16-bit output compare: (OCU): 8 channels
(Continued)


Similar Part No. - MB90F343EPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F343EPF FUJITSU-MB90F343EPF Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90F343EPFV FUJITSU-MB90F343EPFV Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F343EPF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com