Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F356BPMT Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB91F356BPMT
Description  32-bit Microcontroller
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F356BPMT Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB91F356BPMT Datasheet HTML 1Page - Fujitsu Component Limited. MB91F356BPMT Datasheet HTML 2Page - Fujitsu Component Limited. MB91F356BPMT Datasheet HTML 3Page - Fujitsu Component Limited. MB91F356BPMT Datasheet HTML 4Page - Fujitsu Component Limited. MB91F356BPMT Datasheet HTML 5Page - Fujitsu Component Limited. MB91F356BPMT Datasheet HTML 6Page - Fujitsu Component Limited. MB91F356BPMT Datasheet HTML 7Page - Fujitsu Component Limited. MB91F356BPMT Datasheet HTML 8Page - Fujitsu Component Limited. MB91F356BPMT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 139 page
background image
MB91350A Series
2
• On-chip multiplier supported at the instruction level.
Signed 32-bit multiplication : 5 cycles
Signed 16-bit multiplication : 3 cycles
• Interrupt (PC, PS save) : 6 cycles, 16 priority levels
• Harvard architecture allowing program access and data access to be executed simultaneously
• Instructions compatible with the FR family
2.
Bus interface
• Maximum operating frequency : 25 MHz
• 24-bit address full output (16 Mbyte address space) capability
(21-bit address full output (2 Mbyte address space) capability : MB91F353A/353A/352A/351A)
• 8,16-bit data output
• Built-in prefetch buffer
• Unused data and address pins can be used as general I/O ports.
• Able to output chip-select for 4 completely independent areas that can be configured in units of 64 Kbytes
• Support for various memory interfaces :
SRAM, ROM/Flash
page mode Flash ROM, page mode ROM interface
• Basic bus cycle : 2 cycles
• Programmable automatic wait cycle generator capable of inserting wait cycles for each area
• RDY input for external wait cycles
• DMA support of fly-by transfer capable of wait control for independent I/O
(The MB91F353A/353A/352A/351A does not support fly-by transfer.)
3.
Built-in memory
4.
DMAC (DMA Controller)
• Capable of simultaneous operation of up to 5 channels (external
→ external : 3 channels)
• 3 transfer sources (external pin, internal peripheral or software) :
Activation sources are software-selectable (transfer can be activated by UART0/1/2).
• Addressing using 32-bit full addressing mode (increment, decrement, fixed)
• Transfer modes (demand transfer, burst transfer, step transfer, block transfer)
• Fly-by transfer support (between external I/O and memory)
• Selectable transfer data size : 8, 16, or 32-bit
• Multi-byte transfer capability (selected by software)
• DMAC descriptor in IO areas (200H to 240H, 1000H to 1024H)
(The MB91F353A/353A/352A/351A does not have an external interface.)
External pin transfer is not supported. Demand transfer and fly-by transfer cannot be used.
5.
Bit search module (for REALOS)
• Search a single word starting from the MSB for the position of the first bit changed from 1 to 0.
(Continued)
D-bus memory
MB91V350A
MB91F353A
MB91F355A
MB91F357B
MB91F356B
MB91353A
MB91355A
MB91352A
MB91354A
MB91351A
ROM
No
512 Kbytes
256 Kbytes
512 Kbytes
384 Kbytes
384 Kbytes
RAM (Stack)
16 Kbytes
16 Kbytes
16 Kbytes
16 Kbytes
8 Kbytes
16 Kbytes
RAM (Execute instruction)
16 Kbytes
8 Kbytes
8 Kbytes
8 Kbytes
8 Kbytes
8 Kbytes


Similar Part No. - MB91F356BPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F356BPMT FUJITSU-MB91F356BPMT Datasheet
1Mb / 111P
   32-Bit Proprietary Microcontroller
More results

Similar Description - MB91F356BPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com