Electronic Components Datasheet Search |
|
MB91352A Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
MB91352A Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 139 page MB91350A Series 11 (Continued) Pin no. Pin name I/O circuit type*3 Function LQFP*1 LQFP*2 94 42 SDA F DATA I/O pin for the I2C bus. This pin is valid when standard mode I2C operation is enabled. Output using the port must be stopped beforehand unless this operation is intended (open drain output). PL0 General-purpose I/O port. This pin can be used as a port when I2C operation is disabled (open drain output). 95 41 SCL F Clock I/O pin for the I2C bus. This pin is valid when standard mode I2C operation is enabled. Output using the port must be stopped beforehand unless this operation is intended (open drain output). PL1 General-purpose I/O port. This pin can be used as a port when I2C operation is disabled (open drain output). 98 to 103 81 to 86 INT0 to INT5 E External interrupt inputs. Since these inputs are always used when the corresponding external interrupts are enabled, output using the ports must be stopped beforehand unless this operation is the intended operation. PK0 to PK5 General-purpose I/O ports 104 87 INT6 E External interrupt input. Since this input is always used when the corresponding external interrupt is enabled, output using the port must be stopped beforehand unless this operation is the intended operation. FRCK External clock input pin for the free-run timer. Since this input is always used when it is selected as the external clock input for the free-run timer, output using the port must be stopped beforehand unless this operation is the intended operation. PK6 General-purpose I/O port 105 88 INT7 E External interrupt input. Since this input is always used when the corresponding external interrupt is enabled, output using the port must be stopped beforehand unless this operation is the intended operation. ATG External trigger for the A/D converter. Since this input is always used when it is selected as the A/D activation source, output using the port must be stopped beforehand unless this operation is the intended operation. PK7 General-purpose I/O port |
Similar Part No. - MB91352A |
|
Similar Description - MB91352A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |