Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F347ES Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB90F347ES
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F347ES Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90F347ES Datasheet HTML 2Page - Fujitsu Component Limited. MB90F347ES Datasheet HTML 3Page - Fujitsu Component Limited. MB90F347ES Datasheet HTML 4Page - Fujitsu Component Limited. MB90F347ES Datasheet HTML 5Page - Fujitsu Component Limited. MB90F347ES Datasheet HTML 6Page - Fujitsu Component Limited. MB90F347ES Datasheet HTML 7Page - Fujitsu Component Limited. MB90F347ES Datasheet HTML 8Page - Fujitsu Component Limited. MB90F347ES Datasheet HTML 9Page - Fujitsu Component Limited. MB90F347ES Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
MB90340E Series
6
(Continued)
*1 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the Emulator hardware manual for details.
*2 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Part Number
Parameter
MB90V340E-101,
MB90V340E-102
MB90F342E(S), MB90F342CE(S),
MB90F343E(S), MB90F343CE(S),
MB90F345E(S), MB90F345CE(S),
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S),
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
External Interrupt
(16 channels)
Can be used rising edge, falling edge, starting up by H/L level input, external interrupt,
expanded intelligent I/O services (EI2OS) and DMA
D/A Converter
2 channels
Sub clock
(maximum 100 kHz)
Only for
MB90V340E-102
Devices with sub clock : devices without an S suffix in the part number
Devices without sub clock : devices with an S suffix in the part number
I/O Ports
Virtually all external pins can be used as general purpose I/O port
All ports are push-pull outputs
Bit-wise settable as input/output or peripheral signal
Can be configured 8 as CMOS schmitt trigger/ automotive inputs (in blocks of 8 pins)
TTL input level settable for external bus (32-pin only for external bus)
Flash Memory
Supports automatic programming, Embedded AlgorithmTM*2
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of erase cycles : 10000 cycles
Data retention time : 20 years
Boot block configuration
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash (except
for MB90F346E(S) and MB90F346CE (S) )


Similar Part No. - MB90F347ES

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F347ES FUJITSU-MB90F347ES Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90F347ES FUJITSU-MB90F347ES Datasheet
568Kb / 92P
   16-bit Microcontroller
MB90F347ESPF FUJITSU-MB90F347ESPF Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90F347ESPFV FUJITSU-MB90F347ESPFV Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F347ES

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com