Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F343ES Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F343ES
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F343ES Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F343ES Datasheet HTML 1Page - Fujitsu Component Limited. MB90F343ES Datasheet HTML 2Page - Fujitsu Component Limited. MB90F343ES Datasheet HTML 3Page - Fujitsu Component Limited. MB90F343ES Datasheet HTML 4Page - Fujitsu Component Limited. MB90F343ES Datasheet HTML 5Page - Fujitsu Component Limited. MB90F343ES Datasheet HTML 6Page - Fujitsu Component Limited. MB90F343ES Datasheet HTML 7Page - Fujitsu Component Limited. MB90F343ES Datasheet HTML 8Page - Fujitsu Component Limited. MB90F343ES Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MB90340E Series
5
(Continued)
Part Number
Parameter
MB90V340E-101,
MB90V340E-102
MB90F342E(S), MB90F342CE(S),
MB90F343E(S), MB90F343CE(S),
MB90F345E(S), MB90F345CE(S),
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S),
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
A/D Converter
24 input channels
Devices with a C suffix in the part number
: 24 channels
Devices without a C suffix in the part number : 16 channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs include sample time (per one channel)
16-bit Reload Timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function
16-bit I/O Timer
(2 channels)
Generates an interrupt signal on overflow
Supports Timer Clear when the output compare finds a match
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock freq.)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1/2/3, OCU 0/1/2/3
I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7
16-bit Output
Compare
(8 channels)
Generates an interrupt signal when one of the 16-bit I/O timer matches the output compare
register
A pair of compare registers can be used to generate an output signal.
16-bit Input Capture
(8 channels)
Rising edge, falling edge or rising & falling edge sensitive
Signals an interrupt upon external event
8/16-bit
Programmable
Pulse Generator
8 channels (16-bit) /16 channels (8-bit)
Sixteen 8-bit reload counters
Sixteen 8-bit reload registers for L pulse width
Sixteen 8-bit reload registers for H pulse width
Supports 8-bit and 16-bit operation modes
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler plus 8-bit reload counter
Operating clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128
µs@fosc = 4 MHz
(fsys
= Machine clock frequency, fosc = Oscillation clock frequency)
CAN Interface
3 channels
2 channels :
MB90F342E(S), MB90F342CE(S),
MB90F343E(S), MB90F343CE(S),
MB90F345E(S), MB90F345CE(S)
1 channel :
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
2 channels :
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S)
1 channel :
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
Conforms to CAN Specification Version 2.0 Part A and B
Automatic re-transmission in case of error
Automatic transmission in response to Remote Frames
Prioritized 16 message buffers for data and ID’s
Supports multiple messages
Flexible configuration of acceptance filtering :
Full bit compare/Full bit mask/Two partial bit masks
Supports up to 1 Mbps


Similar Part No. - MB90F343ES

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F343ES FUJITSU-MB90F343ES Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90F343ESPF FUJITSU-MB90F343ESPF Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90F343ESPFV FUJITSU-MB90F343ESPFV Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F343ES

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com