Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91154 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB91154
Description  32-bit Proprietary Microcontrollers
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91154 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB91154 Datasheet HTML 4Page - Fujitsu Component Limited. MB91154 Datasheet HTML 5Page - Fujitsu Component Limited. MB91154 Datasheet HTML 6Page - Fujitsu Component Limited. MB91154 Datasheet HTML 7Page - Fujitsu Component Limited. MB91154 Datasheet HTML 8Page - Fujitsu Component Limited. MB91154 Datasheet HTML 9Page - Fujitsu Component Limited. MB91154 Datasheet HTML 10Page - Fujitsu Component Limited. MB91154 Datasheet HTML 11Page - Fujitsu Component Limited. MB91154 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 105 page
background image
MB91F155A/MB91155/MB91154
8
(Continued)
Pin No.
Pin name
Circuit
type
Function
78
79
80
81
82
83
84
85
PE0/OC0
PE1/OC1
PE2/OC2
PE3/OC3
PE4/OC4
PE5/OC5
PE6/OC6
PE7/OC7
F
Output compare output
These pins are available as ports when output compare output is not al-
lowed.
86
87
88
89
PF0/IN0
PF1/IN1
PF2/IN2
PF3/IN3
F
Input capture input
This function is enabled when the input capture operation is input.
These pins are available as ports when input capture input is not in use.
90
PF4
F
General purpose I/O port
91
92
93
94
95
96
PG0/PPG0
PG1/PPG1
PG2/PPG2
PG3/PPG3
PG4/PPG4
PG5/PPG5
F
PPG timer output
This function is enabled when PPG timer output is allowed.
These pins are available as ports when PPG timer output is not allowed.
99
PJ1/SDA
Q
I2C interface I/O pin
This function is enabled when the I2C interface is allowed to operate.
While the I2C interface is in operation, keep the port output set to Hi-Z.
This pin is available as a port when the I2C interface is not in use.
100
PJ0/SCL
Q
I2C interface I/O pin
This function is enabled when the I2C interface is allowed to operate.
While the I2C interface is in operation, keep the port output set to Hi-Z.
This pin is available as a port when the I2C interface is not in use.
102
PI5/SCK3/TO3
P
UART3 clock I/O, Reload timer 3 output
When UART3 clock output is not allowed, reload timer 3 can be output by
allowing it.
This pin is available as a port when neither UART3 clock output nor reload
timer output is allowed.
103
PI4/SOT3
P
UART3 data output
This function is enabled when UART3 data output is allowed.
This pin is available as a port when UART3 clock output is not allowed.
104
PI3/SIN3
P
UART3 data input
Since this input is used more or less continuously while UART3 is en-
gaged in input operations, output by the port needs to be stopped except
when it is performed deliberately.
This pin is available as a port when UART3 output data input is not in use.


Similar Part No. - MB91154

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91154 FUJITSU-MB91154 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91154 FUJITSU-MB91154 Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91154PFV-G FUJITSU-MB91154PFV-G Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91154PFV-G FUJITSU-MB91154PFV-G Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91154

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91319R FUJITSU-MB91319R Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com