Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91155 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB91155
Description  32-bit Proprietary Microcontrollers
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91155 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB91155 Datasheet HTML 1Page - Fujitsu Component Limited. MB91155 Datasheet HTML 2Page - Fujitsu Component Limited. MB91155 Datasheet HTML 3Page - Fujitsu Component Limited. MB91155 Datasheet HTML 4Page - Fujitsu Component Limited. MB91155 Datasheet HTML 5Page - Fujitsu Component Limited. MB91155 Datasheet HTML 6Page - Fujitsu Component Limited. MB91155 Datasheet HTML 7Page - Fujitsu Component Limited. MB91155 Datasheet HTML 8Page - Fujitsu Component Limited. MB91155 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
MB91F155A/MB91155/MB91154
2
2.
Bus Interface
• 16-bit address output, 8/16-bit data input and output
• Basic bus cycle : 2-clock cycle
• Support for interface for various types of memory
• Unused data/address pins can be configured us input/output ports
• Support for little endian mode
3.
Internal ROM
MB91F155A
FLASH products : 510 Kbytes
MB91155
Mask product : 510 Kbytes
MB91154
Mask product : 384 Kbytes
4.
Internal RAM
Mask, FLASH products : 2 Kbytes
5.
Internal Data RAM
MB91F155, MB91155
FLASH, Mask products : 32 Kbytes
MB91154
FLASH, Mask product : 20 Kbytes
6.
DMAC
DMAC in descriptor format for placing transfer parameters on to the main memory.
Capable of transferring a maximum of eight internal and external factors combined.
Three channels for external factors
7.
Bit Search Module
Searches in one cycle for the position of the bit that changes from the MSB in one word to the initial I/O.
8.
Timers
• 16-bit OCU
× 8 channels, ICU × 4 channels, Free-run timer × 1 channel
• 8/16-bit up/down timer/counter (8-bit
× 2 channels or 16-bit × 1 channel)
• 16-bit PPG timer
× 6 channels. The output pulse cycle and duty can be varied as desired
• 16-bit reload timer
× 4 channels
9.
D/A Converter
•8-bit
× 3 channels
10. A/D Converter (Sequential Comparison Type)
•10-bit
× 8 channels
• Sequential conversion method (conversion time : 5.0
µs@33 MHz)
• Single conversion or scan conversion can be selected, and one-shot or continuous or stop conversion mode
can be set respectively.
• Conversion starting function by hardware/software.
(Continued)


Similar Part No. - MB91155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91155 FUJITSU-MB91155 Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91155PFV-G FUJITSU-MB91155PFV-G Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91319R FUJITSU-MB91319R Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com