Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91150 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB91150
Description  32-bit Proprietary Microcontrollers
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91150 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB91150 Datasheet HTML 1Page - Fujitsu Component Limited. MB91150 Datasheet HTML 2Page - Fujitsu Component Limited. MB91150 Datasheet HTML 3Page - Fujitsu Component Limited. MB91150 Datasheet HTML 4Page - Fujitsu Component Limited. MB91150 Datasheet HTML 5Page - Fujitsu Component Limited. MB91150 Datasheet HTML 6Page - Fujitsu Component Limited. MB91150 Datasheet HTML 7Page - Fujitsu Component Limited. MB91150 Datasheet HTML 8Page - Fujitsu Component Limited. MB91150 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 105 page
background image
MB91F155A/MB91155/MB91154
3
(Continued)
11. Serial I/O
•UART
× 4 channels. Any of them is capable of serial transfer in sync with clock attached with the LSB/MSB
switching function.
• Serial data output and serial clock output are selectable by push-pull/open drain software.
• A 16-bit timer (U-timer) is contained as a dedicated baud rate generator allowing any baud rate to be generated.
12. I2C Bus Interface
• One channel master/slave send and receive
• Arbitration and clock synchronization functions
(The product is licensed with the Philips I2C patent to support those customers who intend to use this product
in an I2C system in compliance with the standard I2C specification stipulated by Philips.)
13. Clock Switching Function
• Gear function : Operating clock ratios to the basic clock can be set independently for the CPU and peripherals
from four types, 1 : 1, 1 : 2, 1 : 4 or 1 : 8.
14. Clock Function (Calendar Macro)
• Internal 32 kHz clock function
• It is possible to perform the clock function (oscillation frequency: 32 kHz) even in a stop mode. (The oscillation
does not suspend during a stop mode.)
15. Interrupt Controller
External interrupt input (16 channels in total) :
• Allows the rising edge/falling edge/H level/L level to be set.
Internal interrupt factors :
• Interrupt by resources and delay interrupt
16. Others
• Reset cause : Power on reset/watchdog timer/software reset/external reset
• Low power consumption mode : Sleep/stop
• Package : 144-pin LQFP
• CMOS technology (0.35
µm)
• Power supply voltage : 3.15 V to 3.6 V
• MB91F155 is to be MB91F155A.


Similar Part No. - MB91150

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91151APMT2-G FUJITSU-MB91151APMT2-G Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91154 FUJITSU-MB91154 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91154 FUJITSU-MB91154 Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91154PFV-G FUJITSU-MB91154PFV-G Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91150

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91319R FUJITSU-MB91319R Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com