Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT2222AF Datasheet(PDF) 2 Page - AUK corp

Part # SBT2222AF
Description  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SBT2222AF Datasheet(HTML) 2 Page - AUK corp

  SBT2222AF Datasheet HTML 1Page - AUK corp SBT2222AF Datasheet HTML 2Page - AUK corp SBT2222AF Datasheet HTML 3Page - AUK corp SBT2222AF Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-2080-001
2
SBT2222AF
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
75
V
Collector-Emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
600
mA
Collector dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
* : Package mounted on 99.5% alumina 10
×8×0.6mm
Electrical Characteristics
Ta=25
°C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=10µA, IE=0
75
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
40
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10µA, IC=0
5
-
-
V
Collector cut-off current
ICBO
VCB=75V, IE=0
-
-
20
nA
DC current gain
hFE
VCE=10V, IC=10mA
100
-
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=150mA, IB=15mA
-
-
0.4
V
Transition frequency
fT
VCE=20V, IC=20mA,
f=100MHz
250
-
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
8
pF
Delay time
td
-
-
10
ns
Rise time
tr
VCC=30Vdc, VBE(off)=0.5Vdc,
IC=150mAdc, IB1=15mAdc
-
-
25
ns
Storage time
ts
-
-
225
ns
Fall Time
tf
VCC=30Vdc,IC=150mAdc,
IB1=IB2=15mAdc
-
-
60
ns


Similar Part No. - SBT2222AF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SBT2222AF AUK-SBT2222AF Datasheet
191Kb / 4P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
SBT2222AF KODENSHI-SBT2222AF Datasheet
253Kb / 4P
   NPN Silicon Transistor
SBT2222AF KODENSHI-SBT2222AF Datasheet
253Kb / 4P
   General purpose application
SBT2222AF KODENSHI-SBT2222AF Datasheet
253Kb / 4P
   General purpose application
More results

Similar Description - SBT2222AF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com