Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F884ASPMC Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90F884ASPMC
Description  16-Bit Proprietary Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F884ASPMC Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90F884ASPMC Datasheet HTML 1Page - Fujitsu Component Limited. MB90F884ASPMC Datasheet HTML 2Page - Fujitsu Component Limited. MB90F884ASPMC Datasheet HTML 3Page - Fujitsu Component Limited. MB90F884ASPMC Datasheet HTML 4Page - Fujitsu Component Limited. MB90F884ASPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB90F884ASPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB90F884ASPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90F884ASPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90F884ASPMC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
MB90880 Series
3
■ PRODUCT LINEUP
(Continued)
Item
Name
MB90882(S) MB90883 (S) MB90884(S) MB90F882(S)
MB90F883 (S) /
MB90F883A (S)
MB90F884 (S) /
MB90F884A (S)
Class
MASK ROM product
Flash memory product
ROM size
256 Kbytes
384 Kbytes
512 Kbytes
256 Kbytes
384 Kbytes
512 Kbytes
RAM size
16 Kbytes
24 Kbytes
30 Kbytes
16 Kbytes
24 Kbytes
30 Kbytes
CPU functions
Number of instructions
Instruction bit length
Instruction length
Data bit length
Minimum execution time
: 351
: 8 bits, 16 bits
: 1 to 7 bytes
: 1 bit, 8 bits, 16 bits
: 30.3 ns (machine clock : 33 MHz)
The maximum operating frequency of MB90F883(S) and MB90F884(S) is 25 MHz.
Ports
General-purpose I/O ports : up to 81 for dual clock model, up to 83 for single clock model
General-purpose I/O ports (CMOS output)
Multi-function
serial interface
7 channels (software switchable between SIO, UART & I2C)
16-bit PPG timer
8 channels
8/16-bit up-down
counter/timer
Event input pins : 6, 8-bit up-down counters : 2
8-bit reload/compare registers : 2
16-bit
I/O
timer
16-bit
free run
timer
Number of channels : 1
Overflow interrupt
Output
compare
(OCU)
Number of channels : 6
Pin input source : Match signal of compare register
Input
capture
(ICU)
Number of channels : 2
Rewriting register by pin input (rising, falling or both edges)
DTP/external
interrupt circuit
External interrupt pins : 24 channels (edge/level support)
Base timer
4 channels
(software switchable between 16-bit reload timer, PWC timer, PPG timer, and PWM timer)
In MB90F883(S) and MB90F884(S), P24/TIO0, P25/TIO1, P26/TIO2, and P27/TIO3
cannot be used as input function.
Time base timer
18-bit counter
Interrupt interval : 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms (source oscillation : 4 MHz)
A/D converter
Conversion accuracy : 8 or 10 bits can be switched
Single conversion mode (Selected channel converted only once)
Scan conversion mode (Multiple successive channels converted)
Successive conversion mode (Selected channel converted repeatedly)
Stop conversion mode (Selected channel converted and stopped repeatedly)
Watchdog timer
Reset generation interval : 3.58 ms, 14.33 ms, 57.23ms, 458.75 ms
(source oscillation : 4 MHz, minimum value)


Similar Part No. - MB90F884ASPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F803 FUJITSU-MB90F803 Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803PF-G FUJITSU-MB90F803PF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803S FUJITSU-MB90F803S Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803SPF-G FUJITSU-MB90F803SPF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F804 FUJITSU-MB90F804 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F884ASPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com