Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F962S Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90F962S
Description  16-bit Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F962S Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90F962S Datasheet HTML 3Page - Fujitsu Component Limited. MB90F962S Datasheet HTML 4Page - Fujitsu Component Limited. MB90F962S Datasheet HTML 5Page - Fujitsu Component Limited. MB90F962S Datasheet HTML 6Page - Fujitsu Component Limited. MB90F962S Datasheet HTML 7Page - Fujitsu Component Limited. MB90F962S Datasheet HTML 8Page - Fujitsu Component Limited. MB90F962S Datasheet HTML 9Page - Fujitsu Component Limited. MB90F962S Datasheet HTML 10Page - Fujitsu Component Limited. MB90F962S Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
MB90960 Series
7
■ PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP-48P*
1AVCC
IVCC power input pin for analog circuit.
2
AVR
Power (Vref
+) input pin for A/D converter.
AVR should not exceed VCC.
3 to 8
P60 to P65
H
General-purpose I/O ports.
AN0 to AN5
Analog input pins for A/D converter.
9, 10
P66, P67
H
General-purpose I/O ports.
AN6, AN7
Analog input pins for A/D converter.
PPGC (D) ,
PPGE (F)
Output pins for PPG.
11
P80
F
General-purpose I/O port.
ADTG
Trigger input pin for A/D converter.
INT12R
External interrupt request input pin for INT12R.
12 to 14
P50 to P52
H
General-purpose I/O ports (I/O circuit type of P50 is different
from that of MB90V340E) .
AN8 to AN10
Analog input pins for A/D converter.
15
P53
H
General-purpose I/O port.
AN11
Analog input pin for A/D converter.
TIN3
Event input pin for reload timer 3.
16
P54
H
General-purpose I/O port.
AN12
Analog input pin for A/D converter.
TOT3
Output pin for reload timer 3.
INT8
External interrupt request input pin for INT8.
17 to 19
P55 to P57
H
General-purpose I/O ports.
AN13 to AN15
Analog input pins for A/D converter.
INT10, INT11,
INT13
External interrupt request input pins for INT10, INT11, INT13.
20
MD2
D
Input pin for selecting operation mode.
21, 22
MD1, MD0
C
Input pins for selecting operation mode.
23
RST
E
Reset input.
24
VCC
Power input pin (3.5 V to 5.5 V) .
25
VSS
Power input pin (0 V) .
26
C
I
Capacity pin for stabilizing power supply. It should be connect-
ed to a higher than or equal to 0.1
µF ceramic capacitor.
27
X0
A
Oscillation input pin.
28
X1
Oscillation output pin.


Similar Part No. - MB90F962S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F962S CYPRESS-MB90F962S Datasheet
633Kb / 57P
   Built-in PLL clock frequency multiplying circuit
MB90F962SPMT CYPRESS-MB90F962SPMT Datasheet
633Kb / 57P
   Built-in PLL clock frequency multiplying circuit
More results

Similar Description - MB90F962S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com