Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F867ESPFV Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F867ESPFV
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F867ESPFV Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F867ESPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F867ESPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F867ESPFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90F867ESPFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90F867ESPFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90F867ESPFV Datasheet HTML 12Page - Fujitsu Component Limited. MB90F867ESPFV Datasheet HTML 13Page - Fujitsu Component Limited. MB90F867ESPFV Datasheet HTML 14Page - Fujitsu Component Limited. MB90F867ESPFV Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
MB90860E Series
11
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
97
P34
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or with the hold function disabled.
HRQ
Hold request input pin. This function is enabled when both the
external bus and the hold function are enabled.
OUT4
Waveform output pin for output compare 4.
10
8
P35
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or with the hold function disabled.
HAK
Hold acknowledge output pin. This function is enabled when
both the external bus and the hold function are enabled.
OUT5
Waveform output pin for output compare 5.
11
9
P36
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or with the external ready function disabled.
RDY
External ready input pin. This function is enabled when both the
external bus and the external ready function are enabled.
OUT6
Waveform output pin for output compare 6.
12
10
P37
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or with the clock output disabled.
CLK
Clock output pin. This function is enabled when both the
external bus and clock output are enabled.
OUT7
Waveform output pin for output compare 7.
13, 14
11, 12
P40, P41
F
General purpose I/O pins.
(devices with S-suffix)
X0A , X1A
B
Input pins for sub-clock
(devices without S-suffix)
15
13
VCC
Power (3.5 V to 5.5 V) input pin
16
14
VSS
GND pin
17
15
C
K
This is the power supply stabilization capacitor pin. It should be
connected to a higher than or equal to 0.1
µF ceramic
capacitor.
18
16
P42
F
General purpose I/O pin.
IN6
Trigger input pin for input capture 6.
INT9R
External interrupt request input pin (sub)


Similar Part No. - MB90F867ESPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867ESPFV FUJITSU-MB90F867ESPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F867ESPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com