Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F867EPFV Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F867EPFV
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F867EPFV Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F867EPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F867EPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F867EPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F867EPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F867EPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F867EPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F867EPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F867EPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F867EPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
MB90860E Series
5
(Continued)
*1 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the Emulator hardware manual about details.
*2 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
MB90867E(S)
MB90F867E(S)
MB90V340E-101/102
8/16-bit
programmable pulse
generator
(8 channels)
Supports 8-bit and 16-bit operation modes
Sixteen 8-bit reload counters
Sixteen 8-bit reload registers for L pulse width
Sixteen 8-bit reload registers for H pulse width
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler plus 8-bit reload counter
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128
µs@fosc = 4 MHz
(fsys
= Machine clock frequency, fosc = Oscillation clock frequency)
CAN interface
3 channels
External interrupt
(16 channels)
Can be used rising edge, falling edge, starting up by H/L level input, external interrupt,
expanded intelligent I/O services (EI2OS) and DMA
D/A converter
2 channels
Up to 100 kHz
sub clock for low
power operation
Devices without ‘S’-suffix
Only for MB90V340E-
102
I/O ports
Virtually all external pins can be used as general purpose I/O port
All push-pull outputs
Bit-wise settable as input/output or peripheral signal
Settable in pin-wise of 8 as CMOS schmitt trigger/automotive inputs (default)
TTL input level settable for external bus (32-pin only for external bus)
Flash memory
Supports automatic programming, Embedded AlgorithmTM*2
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of erase cycles : 10,000 times
Data retention time : 20 years
Boot block configuration
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash
Part Number
Parameter


Similar Part No. - MB90F867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867EPFV FUJITSU-MB90F867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com